Electronic Components Datasheet Search
  English  ▼

X  

TMC3503 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # TMC3503
Description  Triple Video D/A Converter 8 bit, 80 Msps, 5V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3503 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  TMC3503 Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC3503 Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC3503 Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC3503 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3503 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3503 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3503 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3503 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3503 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PRODUCT SPECIFICATION
TMC3503
REV. 1.02 11/24/99
5
Equivalent Circuits
Figure 2. Equivalent Digital Input Circuit Figure 3. Equivalent Analog Output Circuit
RREF
36
42
590
Ω
Current-setting Resistor. The full-scale output current of each
D/A converter is determined by the value of the resistor
connected between RREF and GND. The nominal value for
RREF is found from:
RREF = 9.1 (VREF/IFS)
where IFS is the full-scale (white) output current (amps) from the
D/A converter (without sync). Sync is 0.4 IFS.
D/A full-scale (white) current may also be calculated from:
IFS = VFS/RL
Where VFS is the white voltage level and RL is the total resistive
load (ohms) on each D/A converter. VFS is the blank to full-scale
voltage.
COMP
34
40
0.1 µF
Compensation Capacitor. A 0.1 µF ceramic capacitor must be
connected between COMP and VDD to stabilize internal bias
circuitry.
Power, Ground
VDD
12, 30, 31 17, 34–36
+5 V
Power Supply.
GND
1, 14, 15,
27, 28, 38,
39, 48
29–32
0.0V
Ground.
NC
13, 24, 25,
37
——
No Connect
Pin
Name
Pin Number
Value
Pin Function Description
LQFP
PLCC
np
OUT
GND
27013B
VDD
VDD
Digital
Input
VDD
p
n
27014D
GND
Pin Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com