Electronic Components Datasheet Search
  English  ▼

X  

HS-7238 Datasheet(PDF) 32 Page - BOSER Technology Co., Ltd

Part # HS-7238
Description  Intel짰 Pentium짰 4 processor PCI-ISA Bus Single Board Computer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7238 Datasheet(HTML) 32 Page - BOSER Technology Co., Ltd

Back Button HS-7238 Datasheet HTML 28Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 29Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 30Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 31Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 32Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 33Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 34Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 36Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
26
4.4 Standard CMOS Features
The standard CMOS is used for the basic hardware system
configuration. The main function is for Data/Time and Floppy/Hard Disk
Drive settings. Please refer to the following screen for the setup. When
the IDE hard disk drive you are using is larger than 528MB, you must
set the HDD mode to LBA mode. Please use the IDE setup utility in
BIOS setup to install the HDD correctly.
CMOS Setup Utility – Copyright© 1984-2001 Award Software
Standard CMOS Features
Date (mm:dd:yy)
Mon, Aug 9 2004
Item Help
Time (hh:mm:ss)
10 : 32 : 57
IDE Primary Master
[Auto]
IDE Primary Slave
[Auto]
IDE Secondary Master
[Auto]
IDE Secondary Slave
[Auto]
Drive A
[1.44M, 3.5in.]
Drive B
[None]
Video
[EGA/VGA]
Halt On
[All, But Keyboard]
Base Memory
640K
Extended Memory
252928K
Total Memory
253952K
↑↓← →
: Select Item
+/-/PU/PD: Value
F10: Save
Esc: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults
F7: Optimized Defaults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com