Electronic Components Datasheet Search
  English  ▼

X  

HS-7238 Datasheet(PDF) 33 Page - BOSER Technology Co., Ltd

Part # HS-7238
Description  Intel짰 Pentium짰 4 processor PCI-ISA Bus Single Board Computer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7238 Datasheet(HTML) 33 Page - BOSER Technology Co., Ltd

Back Button HS-7238 Datasheet HTML 29Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 30Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 31Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 32Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 33Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 34Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 37Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
27
4.5 Advanced BIOS Features
This section allows you to configure your system for the basic
operation. You have the opportunity to select the system’s default
speed, boot-up sequence, keyboard operation, shadowing and
security.
CMOS Setup Utility – Copyright© 1984-2001 Award Software
Advanced CMOS Features
Virus Warning
[Disabled]
Item Help
CPU L1 & L2 Cache
[Enabled]
Hyper-Threading Technology
[Enabled]
Quick Power On Self Test
[Enabled]
First Boot Device
[Floppy]
Second Boot Device
[Hard Disk]
Third Boot Device
[CDROM]
Boot Other Device
[Enabled]
Boot Up Floppy Seed
[Enabled]
Boot Up NumLock Status
[On]
Gate A20 Option
[Fast]
Typematic Rate Setting
[Disabled]
Typematic Rate (Chars/Sec)
6
Typematic Delay (Msec)
250
Security Option
[Setup]
APIC Mode
[Enabled]
MPS Version Control For OS
[1.4]
OS Select For DRAM > 64MB
[Non-OS2]
Report No FDD For WIN 95
[No]
Small Logo(EPA) Show
[Enabled]
↑↓← →
: Select Item
+/-/PU/PD: Value
F10: Save
Esc: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults
F7: Optimized Defaults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com