Electronic Components Datasheet Search
  English  ▼

X  

X8200 Datasheet(PDF) 17 Page - rfsolutions.ltd

Part # X8200
Description  Synthesised Radio Modem
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

X8200 Datasheet(HTML) 17 Page - rfsolutions.ltd

Back Button X8200 Datasheet HTML 11Page - rfsolutions.ltd X8200 Datasheet HTML 12Page - rfsolutions.ltd X8200 Datasheet HTML 13Page - rfsolutions.ltd X8200 Datasheet HTML 14Page - rfsolutions.ltd X8200 Datasheet HTML 15Page - rfsolutions.ltd X8200 Datasheet HTML 16Page - rfsolutions.ltd X8200 Datasheet HTML 17Page - rfsolutions.ltd X8200 Datasheet HTML 18Page - rfsolutions.ltd X8200 Datasheet HTML 19Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
DS8200-2 April ’07
©2007 RF Solutions Ltd, www.rfsolutions.co.uk
Page 17
Synthesised Radio Modem
X8200
X8200HP
RU67 type and kept as short as possible. As a rule of thumb the RF power is halved
every 10m of antenna feeder. It is better to keep the signal wire long and the antenna
feeder short.
Type of Antenna used.
Surrounding Topography.
Interference for other networks operating on the same frequency.
The Weather.
Antennas
The main types of antenna used in telemetry applications are as follows:
Helical
End Fed Dipole
Yagi
Helical Antenna
The helical stub antenna is robust, low cost and physically small. It has a gain less than unity.
Range of up to 2Km.
End Fed Dipole
The end fed dipole antenna has a unity gain. Its main application is to provide cost effective
omni-directional radiation.
Range 10 to 20 Km
Yagi
This antenna has a high gain typically twice (3dB) to ten times (10dB) the input power in the
direction of orientation. It is the type of aerial commonly used in domestic televisions.
The output power of a transmitter connected to a Yagi antenna has to be reduced to conform
to the DTI specification. This has the advantage of reducing the overall power consumed by
the transmitter without effecting the range in the direction of orientation. It also reduces
interference from other users.
The receiver signal is also amplified if a Yagi antenna is used thereby extended range in the
direction of orientation to around 20 Km line of sight.
Antenna Alignment
If directional yagi antenna are used it is important to aligned them correctly. This can be
done using a compass and ordinance survey maps. The alignment can be checked by
selecting the Key Transmitter option at the transmitting station. A radio modem is then
attached to the yagi antenna feeder at the receiving station. By selecting the RSSI option in
the menu the yagi antenna can be rotated to a position of peak signal strength This will be in
the direction of the transmitter beacon.
Site Survey
First check the occupancy of all the radio channels at all the proposed sites. This can be
achieved by using an antenna, radio modem and PC. Select the RSSI option and observe
the bar graph. Note any activity. Go to the RF channel option and select the next RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com