| Electronic Components Datasheet Search |
|
X8200 Datasheet(PDF) 12 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
X8200 Datasheet(HTML) 12 Page - rfsolutions.ltd |
|
12 / 19 page ![]() DS8200-2 April ’07 ©2007 RF Solutions Ltd, www.rfsolutions.co.uk Page 12 Synthesised Radio Modem X8200 X8200HP Key Transmitter The Key Transmitter setting switches on the transmitter so that a radio site survey can be conducted. . A second Radio Modem can be used to move around the site observing either the Rx LED or the RSSI Bar Graph. If the Rx LED is on or there are more than 3 bars on the RSSI Bar Graph then there will be good communications. RSSI Relative Signal Strength Indicator The RSSI function is used to detect radio activity on the RF Channel. It can also be used to measure the signal strength of a transmission from a distant radio modem. A maximum of nine bars will appear relating to a signal strength of 0.3uV (-112dBm) to In the Remote Access Mode the distant modem will measure its own RSSI and radio the value back to the local radio modem were it will be displayed on a bar graph in the menu. Comms Speed Two over air transmissions speeds can be selected. These are: F = 10Kbits/sec S = 5Kbits/sec Address Mode The address mode uses ID numbers to “dial up” distant modems. When the data is transmitted from a distant modem the first ID number set in the repeater path is added to the data string and used as a transmitter address. The receiving modem compares the transmitter ID in the data string with its own ID number. If they are the same the data string is passed to the serial port. In addition individual modems can be dialled up by using serial ATT and ATA Instructions to change the transmitting ID number. The ATT instruction can be used to “dial up” distant modems as shown in fig 4. The base station modern has its ID number (receiver address RXA) set to 01. The four distant stations have ID numbers 2,3,4 and 5. All of the distant modems have the first value in their Repeater Path (transmitter address TXA) set to 01. Therefore any distant modem can transmit data to the base station but not to each other. The serial ATT instruction is made up of the ASCII characters for A (41), T(54), T(54). This is then followed by the ID number of the addressed station as two ASCII numbers 30 to 39 The instruction sent by the base station to address modem with ID set to 2 will be: A T T 0 2 41 54 41 30 32 DATA Modem 3 can be dialled up in the same way with the instruction: A T T 0 3 41 54 41 30 33 DATA The instruction string will not be transmitted over the air as long as it is sent to the modem without any breaks. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |