Electronic Components Datasheet Search
  English  ▼

X  

9402 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # 9402
Description  Surface Mount Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

9402 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  9402 Datasheet HTML 1Page - RHOPOINT COMPONENTS 9402 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RHOPOINT COMPONENTS LTD Email: components@rhopoint.co.uk Website: www.rhopoint.co.uk
COTO TECHNOLOGY
9400-9800 Series/Surface Mount Reed Relays
S
S
S
S
SURFACE
URFACE
URFACE
URFACE
URFACE
M
M
M
M
MOUNT
OUNT
OUNT
OUNT
OUNT
R
R
R
R
REED
EED
EED
EED
EED
R
R
R
R
RELAYS
ELAYS
ELAYS
ELAYS
ELAYS
Ideally suited to the needs of Automated Test Equipment, Instrumentation
and Telecommunications requirements, Coto’s 9400 Series specification
tables allow you to select the appropriate relay for your particular applica-
tion. The Coto 9800 Series is an ultra-miniature Surface Mount Reed
Relay that combines small size with exceptional RF performance. This
small size allows for high density packing, and is ideal for high speed, high
pin count VLSI testers. Other applications include communications
systems and instrumentation. If your requirements differ, please consult
your local representative or Coto’s Factory to discuss a custom design.
S
S
S
S
SERIES
ERIES
ERIES
ERIES
ERIES
F
F
F
F
FEATURES
EATURES
EATURES
EATURES
EATURES
u Available in Axial, Gull wing and “J” lead configurations.
u Tape and Reel packaging available.
u High reliability, hermetically sealed contacts for long life.
u High Insulation Resistance - 10
12
Ω minimum.
u Coaxial shield for 50
Ω impedance. Excellent for RF and Fast
Rise Time Pulse switching. (up to 6 GHz)
u Compact surface mount package
Model 9400
Model 9800
Dimensions in Inches (Millimeters)
GullWing
J-Lead
Axial
Radial
GullWing
J-Lead
2
2
Axial
2
2


Similar Part No. - 9402

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9402 3M-9402 Datasheet
1Mb / 3P
Sample Development Design Kits for High Speed Cabling and Connectors
01-Oct-2008
logo
Belden Inc.
9402 BELDEN-9402 Datasheet
239Kb / 2P
Audio, Control & Instrument, #20-2pr, SR-PVC, Indiv. Foil, PVC Jkt, CMG
logo
Keystone Electronics Co...
9402 KEYSTONE-9402 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Pepperl+Fuchs Inc.
9402 PF-9402 Datasheet
54Kb / 1P
Couplings
30.01.1998
logo
Knowles Electronics
9402-0 KNOWLES-9402-0 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
More results

Similar Description - 9402

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
10R-1A12G DBLECTRO-10R-1A12G Datasheet
1Mb / 4P
SURFACE MOUNT REED RELAYS
17D-1A12G DBLECTRO-17D-1A12G Datasheet
1Mb / 4P
SURFACE MOUNT REED RELAYS
logo
List of Unclassifed Man...
9852 ETC-9852 Datasheet
96Kb / 2P
Surface Mount Reed Relays
9400 ETC-9400 Datasheet
101Kb / 2P
Surface Mount Reed Relays
logo
Coto Technology
9300 COTO-9300 Datasheet
287Kb / 2P
Series/Surface Mount Reed Relays
9802-03-00 COTO-9802-03-00 Datasheet
366Kb / 2P
Surface Mount Reed Relays
9901-05-00 COTO-9901-05-00 Datasheet
294Kb / 2P
Surface Mount Reed Relays
9200 COTO-9200 Datasheet
307Kb / 2P
Surface Mount Reed Relays
9901-05-00 COTO-9901-05-00_14 Datasheet
447Kb / 2P
SURFACE MOUNT REED RELAYS
logo
RHOPOINT COMPONENTS
9201-05-00 RHOPOINT-9201-05-00 Datasheet
101Kb / 2P
Surface Mount Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com