Electronic Components Datasheet Search
  English  ▼

X  

9402 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # 9402
Description  Surface Mount Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

9402 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  9402 Datasheet HTML 1Page - RHOPOINT COMPONENTS 9402 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY
RHOPOINT COMPONENTS LTD Holland Rd, Hurst Green, Oxted, Surrey, RH8 9AX,ENGLAND
9400-9800 Series/Surface Mount Reed Relays
Top View:
Dot stamped on top of relay refers to pin #1 location
Environmental Ratings2
Storage Temp: -35°C to +100°C; Operating Temp: -20°C to +85°C
The operate and release voltage and the coil resistance are
specified at 25°C. These values vary by approximately
0.4%/°C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Notes:
1 Consult factory for life expectancy at other switching
loads. Contact resistance 2.0
Ω defines end of life.
2 Surface mount component processing temperature:
430°F(221°C) max for 1 minute dwell time. Tempera
ture measured on leads where lead exits molded package.
3 Consists of 20V Zener-diode and 1N1002 diode in series,
connected in parallel with coil.
Model Number
9401
9402
9802
Parameters
Test Conditions
Units
1 Form A
1 Form A
50
Ω Coaxial
1 Form A
50
Ω Coaxial
COIL SPECIFICATIONS
Nom. Coil Voltage
VDC
5
12
5
12
5
Max. Coil Voltage
VDC
6.2
15.0
6.2
15.0
6
Coil Resistance
+/- 10%, 25° C
Ω
200
825
200
825
150
Operate Voltage
Must Operate by
VDC - Max.
3.75
9.0
3.75
9.0
3.8
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
0.4
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
100
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
0.25
Carry Current
Max DC/Peak AC Resist.
Amps
1
1
0.5
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
3
Life Expectancy-Typical
1
Signal Level 1.0V,10mA
x 10
6 Ops.
250
250
250
Static Contact Resistance
(max. init.)
50mV, 10mA
Ω
0.125
0.125
0.125
Dynamic Contact Resistance
(max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
Ω
0.150
0.150
0.150
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
Ω
x 10
12
x 10
12
x 10
12
Capacitance - Typical
Across Open Contacts
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
0.2
-
-
-
0.4
0.1
-
-
0.2
Open Contact to Coil
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
1.1
-
-
-
1.1
0.1
-
-
0.5
Closed Contact to Coil
Shield Guarding
pF
-
-
0.5
Contact to Shield
Contacts Open,
Shield Floating
pF
-
1.1
-
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
300
-
1500
300
1500
1500
200
1500
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.40
0.40
0.25
Release Time - Typical
Zener-Diode Suppression
3
msec.
0.20
0.20
0.05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com