Electronic Components Datasheet Search
  English  ▼

X  

KF5N50FS Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KF5N50FS
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF5N50FS Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KF5N50FS Datasheet HTML 1Page - KEC(Korea Electronics) KF5N50FS Datasheet HTML 2Page - KEC(Korea Electronics) KF5N50FS Datasheet HTML 3Page - KEC(Korea Electronics) KF5N50FS Datasheet HTML 4Page - KEC(Korea Electronics) KF5N50FS Datasheet HTML 5Page - KEC(Korea Electronics) KF5N50FS Datasheet HTML 6Page - KEC(Korea Electronics) KF5N50FS Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2008. 10. 10
47
KF5N50PR/FR/PS/FS
Revision No : 0
Gate - Charge Qg (nC)
Drain - Source Voltage VDS (V)
0
12
10
6
2
4
8
14
16
6
2
10
8
12
4
0
Fig8. Qg- VGS
Fig9. Safe Operation Area
101
102
10
1
10-1
100
10
0
10
2
10
2
10
3
Drain - Source Voltage VDS (V)
Fig10. Safe Operation Area
0
3
1
2
6
5
4
75
150
125
50
100
025
(KF5N50PR, KF5N50PS)
ID=5A
C
Junction Temperature Tj ( )
Fig11. ID - Tj
VDS = 100V
Tc= 25
Tj = 150
Single pulse
C
C
Fig 7. C - VDS
Drain - Source Voltage VDS (V)
1
10
100
1000
05
15
25
35
10
20
30
40
Crss
Coss
Ciss
DC
10ms
1ms
100
µs
Operation in this
area is limited by RDS(ON)
101
102
10
1
10-1
100
10
0
10
2
10
2
10
3
Tc= 25
Tj = 150
Single pulse
C
C
DC
10ms
1ms
Operation in this
area is limited by RDS(ON)
(KF5N50FR, KF5N50FS)
100
µs
VDS = 400V
VDS = 250V
100ms
100ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com