Electronic Components Datasheet Search
  English  ▼

X  

KF5N50FS Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KF5N50FS
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF5N50FS Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KF5N50FS Datasheet HTML 1Page - KEC(Korea Electronics) KF5N50FS Datasheet HTML 2Page - KEC(Korea Electronics) KF5N50FS Datasheet HTML 3Page - KEC(Korea Electronics) KF5N50FS Datasheet HTML 4Page - KEC(Korea Electronics) KF5N50FS Datasheet HTML 5Page - KEC(Korea Electronics) KF5N50FS Datasheet HTML 6Page - KEC(Korea Electronics) KF5N50FS Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2008. 10. 10
77
KF5N50PR/FR/PS/FS
Revision No : 0
Fig17. Source - Drain Diode Reverse Recovery and dv /dt
IF
IS
VDS
VSD
ISD
(DUT)
VDS
(DUT)
VGS
10V
driver
DUT
Body Diode Recovery dv/dt
Body Diode Forword Voltage drop
Body Diode Forword Current
Body Diode Reverse Current
di/dt
VDD
IRM
0.5
VDSS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com