Electronic Components Datasheet Search
  English  ▼

X  

PS9587-AX Datasheet(PDF) 8 Page - NEC

Part # PS9587-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9587-AX Datasheet(HTML) 8 Page - NEC

Back Button PS9587-AX Datasheet HTML 4Page - NEC PS9587-AX Datasheet HTML 5Page - NEC PS9587-AX Datasheet HTML 6Page - NEC PS9587-AX Datasheet HTML 7Page - NEC PS9587-AX Datasheet HTML 8Page - NEC PS9587-AX Datasheet HTML 9Page - NEC PS9587-AX Datasheet HTML 10Page - NEC PS9587-AX Datasheet HTML 11Page - NEC PS9587-AX Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet PN10678EJ03V0DS
8
PS9587,PS9587L1,PS9587L2,PS9587L3
*1 Typical values at TA = 25
°C
*2 Because VOL of 2 V or more may be output when LED current is input and when output power supply is on and
off, confirm the characteristics (operation with the power supply on and off) during design, before using this
device.
*3 Test circuit for propagation delay time
Input
Output
1.5 V
VOH
VOL
tPHL
tPLH
(IF = 7.5 mA)
50%
0 V
5 V
Remark CL includes probe and stray wiring capacitance.
47
Ω
Pulse input (IF)
Input
(monitor)
(PW = 1 s,
Duty cycle = 1/10)
μ
RL = 350
Ω
VO (monitor)
VCC = 5 V
0.1 F
μ
CL = 15 pF
*4 Test circuit for common mode transient immunity
90%
10%
1.5 kV
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 7.5 mA)
tr
tf
VO (monitor)
VCC = 5 V
0.1 F
μ
CL = 15 pF
VCM
RL = 350
Ω
SW IF
Remark CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of more than 0.1
μF is used between VCC and GND near device. Also, ensure that the
distance between the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com