Electronic Components Datasheet Search
  English  ▼

X  

PS9587-AX Datasheet(PDF) 9 Page - NEC

Part # PS9587-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9587-AX Datasheet(HTML) 9 Page - NEC

Back Button PS9587-AX Datasheet HTML 5Page - NEC PS9587-AX Datasheet HTML 6Page - NEC PS9587-AX Datasheet HTML 7Page - NEC PS9587-AX Datasheet HTML 8Page - NEC PS9587-AX Datasheet HTML 9Page - NEC PS9587-AX Datasheet HTML 10Page - NEC PS9587-AX Datasheet HTML 11Page - NEC PS9587-AX Datasheet HTML 12Page - NEC PS9587-AX Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet PN10678EJ03V0DS
9
PS9587,PS9587L1,PS9587L2,PS9587L3
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
25
50
75
100
125
0
85
10
20
30
40
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
Forward Current IF (mA)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
25
50
75
100
85
125
0
20
10
30
50
40
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +85˚C
+50˚C
+25˚C
0˚C
–20˚C
–40˚C
–50
–25
0
25
50
75
100
14
12
10
8
6
4
2
0
ICCL (IF = 10 mA)
Vcc = 5.5 V
ICCH (IF = 0 mA)
1
2
3
4
5
6
5
4
3
2
1
0
RL = 350
Ω
VCC = 5.0 V
1.0 k
Ω
4.0 k
Ω
–50
–25
0
25
50
75
100
IF = 5.0 mA,
VCC = 5.5 V
0.6
0.5
0.4
0.3
0.2
0.1
0
13.0 mA
10.0 mA
6.0 mA
IOL = 16.0 mA
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com