Electronic Components Datasheet Search
  English  ▼

X  

EPF8037 Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPF8037
Description  10/100 LAN Interface Module with Enhanced Common Mode Attenuation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8037 Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPF8037 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPF8037 Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSF8037b
Rev. 2
11/20/96
10/100 LAN Interface Module with
Enhanced Common Mode Attenuation
The circuit below is a guideline for interconnecting PCA’s EPF8037 with National DP83840A and DP83223 twister chip set
for 10/100 Mb/s applications. Further details can be obtained from the chip manufacturer application notes. Please
consult PCA for applications help regarding the SSI78Q2120 or ICS1890 series parts or consult with the respective
application notes.
Typical insertion loss of the isolation transformer is 0.5dB. This parameter covers the entire spectrum of the encoded
signals in 10/100 protocols. Under terminated conditions, to transmit a 2V pk-pk signal across the cable, you must adjust
the TXREF resistor of the twister chip to get at least 2.12V pk-pk across pins 16-15.
Note that significant low frequency response improvement can be obtained in the system (improving equalization effects) if
the DC blocking capacitors were not used; this can only be done by choosing a different pinout for the 10 Base-T receiver
side. This is accomplished without impacting any other behavior. If any user has a need to improve this feature, please
consult with the PCA Technical support group . This solution is similar to approaches used in EPF8013GM, EPF8022G and
EPF8038S (a repeater interface module).
It is recommended that system designers do not ground the receiver side center tap, via a capacitor. This may worsen
EMI, specifically if the secondary “common mode termination” is pulled to chassis ground as shown.
The phantom resistors shown around the connector have been known to suppress unwanted radiation that unused wires
pick up from the immediate environment. Their placement and use are to be considered carefully before a design is
finalized.
The “common mode termination” load of 75
Ω shown from the center taps of the secondary may be taken to chassis ground
via a cap of suitable value. This depends upon user’s design, EMI margin etc.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit
the plane off at least 0.05 inches away from the chip side pins of EPF8037. There need not be any ground plane beyond
this point.
For best results, PCB designer should design the outgoing traces preferably to be 50
Ω, balanced and well coupled to
achieve minimum radiation from these traces.
Typical Application Circuit for UTP (Excerpts from NSC DP83840A application notes)
DP83223
DP83840A
RXD
TXU
TD
RD
SD
RXI
TXO
PMRD
SD
PMID
EPF8037
+
-
+
-
+
-
+
-
+
-
0.10
µF {Note 1}
0.1
µF
{Note 1}
1000pF
1000pF
Other pull down/up resistors not shown, for clarification please refer to National’s application notes.
12.1
Ω
12.1
Ω
9
8
7
11
13
12
1
2
4
5
6
Notes : 1. See text above for clarification.
2. Only Hub side connections are shown.
E L E C T R O N I C S I N C .
RJ45*
8
7
5
4
2
3
6
Chassis
Ground
2000V
50
Ω
50
Ω
75
Ω
75
Ω
Isolation Cap
Rcv
Xmit
1
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com