Electronic Components Datasheet Search
  English  ▼

X  

EPF8037 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8037
Description  10/100 LAN Interface Module with Enhanced Common Mode Attenuation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8037 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8037 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPF8037 Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. • * CMT : Optional •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Crosstalk (dB Min.)
[Between Channels]
Return Loss
(dB Min.)
-1
-1
1-80
MHz
1-30
MHz
-12
-3.5
-18
30-100
MHz
-10
100-500
MHz
-40
-35
10-100
MHz
-35
5-10
MHz
80-100
MHz
100-150
MHz
1-30
MHz
30-60
MHz
60-100
MHz
Xmit Rcv Xmit Rcv Xmit Rcv Xmit
Rcv Xmit
Rcv Xmit
Rcv Xmit Rcv Xmit Rcv Xmit
Rcv
-35
-10
-1
-1
-12
-3
-18
-10
-40
-30
-10
Electrical Parameters @ 25
° C
10/100 LAN Interface Module with
Enhanced Common Mode Attenuation
CSF8037a
Rev. 2
11/20/96
• Optimized for DP83840A/DP83223 Chip Set •
• Recommended for use with ICS 1890 Series and SS578Q2120 •
when connected per appropriate schematic
• Guaranteed to operate with 8 mA DC bias at 70
°C •
• Complies with or exceeds IEEE 802.3, 10 BT/100 BX Standards •
Schematic
Dimensions
A
B
C
D
E
F
G
H
I
Dim.
1.340
.190
.480
1.200
.125
.100
.008
.018
Min.
1.360
.210
.500
Typ.
.150
Typ.
.012
.021
Max.
.075
Nom.
(Inches)
(Millimeters)
34.04
4.83
12.19
30.48
3.18
2.54
12.7
.203
.381
Min.
34.54
5.33
12.7
Typ.
3.81
Typ.
13.20
.304
.533.
Max.
1.91
Nom.
Package
Receive Channel
1
2
3
9
8-
7
1:1
EPF8037
OCL
@ 70
°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350
µH
Cable Side
Transmit Channel
6
4
5
11-
12
13
CMT*
1:1
CMC
E L E C T R O N I C S I N C .
PCA
EPF8037
Date Code
Pin 1 I.D.
F
E
A
B
C
D
G
H
I
10
Shield Seperating
Xmit - Rcv
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - EPF8037

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8030G PCA-EPF8030G Datasheet
35Kb / 1P
High Speed LAN Interface Module for QSI 6611/6612
EPF8031G PCA-EPF8031G Datasheet
35Kb / 1P
High Speed LAN Interface Module for QSI 6611/6612
EPF8032S PCA-EPF8032S Datasheet
64Kb / 2P
100BX Module for Multi-port Application with Enhanced Common Mode Attenuation
EPF8033GM PCA-EPF8033GM Datasheet
48Kb / 2P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8034S PCA-EPF8034S Datasheet
3Mb / 91P
10Base-T Interface Module with Enhanced Common Mode Attenuation
More results

Similar Description - EPF8037

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8017GM PCA-EPF8017GM Datasheet
62Kb / 2P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8033GM PCA-EPF8033GM Datasheet
48Kb / 2P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8104S PCA-EPF8104S Datasheet
32Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8115GE PCA-EPF8115GE Datasheet
39Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8197F2 PCA-EPF8197F2 Datasheet
46Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8198F2 PCA-EPF8198F2 Datasheet
46Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8199F2 PCA-EPF8199F2 Datasheet
47Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8200F2 PCA-EPF8200F2 Datasheet
46Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8205G PCA-EPF8205G Datasheet
157Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode
EPF8225S PCA-EPF8225S Datasheet
28Kb / 1P
100 LAN Interface Module with Enhanced Common Mode Attenuation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com