Electronic Components Datasheet Search
  English  ▼

X  

DG441C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DG441C/D
Description  Improved, Quad, SPST Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG441C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

  DG441C/D Datasheet HTML 1Page - Maxim Integrated Products DG441C/D Datasheet HTML 2Page - Maxim Integrated Products DG441C/D Datasheet HTML 3Page - Maxim Integrated Products DG441C/D Datasheet HTML 4Page - Maxim Integrated Products DG441C/D Datasheet HTML 5Page - Maxim Integrated Products DG441C/D Datasheet HTML 6Page - Maxim Integrated Products DG441C/D Datasheet HTML 7Page - Maxim Integrated Products DG441C/D Datasheet HTML 8Page - Maxim Integrated Products DG441C/D Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Improved, Quad, SPST Analog Switches
8
_______________________________________________________________________________________
CAPACITANCE
METER
D
S
GND
10nF
+15V
IN
0.8V or 2.4V
V-
-15V
10nF
+V
f = 1MHz
Timing Diagrams/
Test Circuits (continued)
Figure 6. Source/Drain-On/Off Capacitance
Ordering Information (continued)
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
16 Plastic DIP
P16-1
21-0043
16 Narrow SO
S16-3
21-0041
16 CERDIP
J16-3
21-0045
16 Thin QFN-EP (5mm x 5mm)
T1655-2
21-0140
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
Note: Devices are available in both leaded and lead(Pb)-free
packaging. Specify lead-free by adding the + symbol at the
end of the part number when ordering.
*
Contact factory for dice specifications.
**
EP = Exposed pad.
***
Contact factory for availability and processing to MIL-STD-
883B. Not available in lead-free.
PART
TEMP RANGE
PIN-PACKAGE
DG441DK
-40°C to +85°C
16 CERDIP
DG441ETE
-40°C to +85°C
16 Thin QFN-EP**
DG441AK
-55°C to +125°C
16 CERDIP***
DG441MY/PR
-55°C to +125°C
16 Narrow SO
DG442CJ
0°C to +70°C
16 Plastic DIP
DG442CY
0°C to +70°C
16 Narrow SO
DG442C/D
0°C to +70°C
Dice*
DG442DJ
-40°C to +85°C
16 Plastic DIP
DG442DY
-40°C to +85°C
16 Narrow SO
DG442DK
-40°C to +85°C
16 CERDIP
DG442ETE
-40°C to +85°C
16 Thin QFN-EP**
DG442AK
-55°C to +125°C
16 CERDIP***
DG442MY/PR
-55°C to +125°C
16 Narrow SO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com