Electronic Components Datasheet Search
  English  ▼

X  

DG441C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG441C/D
Description  Improved, Quad, SPST Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG441C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG441C/D Datasheet HTML 1Page - Maxim Integrated Products DG441C/D Datasheet HTML 2Page - Maxim Integrated Products DG441C/D Datasheet HTML 3Page - Maxim Integrated Products DG441C/D Datasheet HTML 4Page - Maxim Integrated Products DG441C/D Datasheet HTML 5Page - Maxim Integrated Products DG441C/D Datasheet HTML 6Page - Maxim Integrated Products DG441C/D Datasheet HTML 7Page - Maxim Integrated Products DG441C/D Datasheet HTML 8Page - Maxim Integrated Products DG441C/D Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Pin Configurations/Functional Diagrams/Truth Tables
_______________________________________________________________________________________
1
General Description
Maxim’s redesigned DG441/DG442 analog switches
now feature on-resistance matching (4
Ω max) between
switches and guaranteed on-resistance flatness over
the signal range (9
Ω max). These low on-resistance
switches conduct equally well in either direction. They
guarantee low charge injection (10pC max), low power
consumption (1.65mW), and an ESD tolerance of 2000V
minimum per Method 3015.7. The new design offers
lower off-leakage current over temperature (less than
5nA at +85°C).
The DG441/DG442 are quad, single-pole/single-throw
(SPST) analog switches. The DG441 has four normally
closed switches, and the DG442 has four normally
open switches. Switching times are less than 250ns for
tON and less than 170ns for tOFF. These devices oper-
ate from a single +10V to +30V supply, or bipolar ±4.5V
to ±20V supplies. Maxim’s improved DG441/DG442
continue to be fabricated with a 44V silicon-gate
process.
Applications
New Features
♦♦ Plug-In Upgrades for Industry-Standard DG441/DG442
♦♦ Improved rDS(ON) Match Between Channels(4Ωmax)
♦♦ Guaranteed rFLAT(ON) Over Signal Range (9Ωmax)
♦♦ Improved Charge Injection (10pC max)
♦♦ Improved Off-Leakage Current Over Temperature
(<5nA at +85°C)
♦♦ Withstand Electrostatic Discharge (2000V min)
per Method 3015.7
Existing Features
♦♦ Low rDS(ON) (85Ω max)
♦♦ Single-Supply Operation +10V to +30V
Bipolar-Supply Operation ±4.5V to ±20V
♦♦ Low Power Consumption (1.65mW max)
♦♦ Rail-to-Rail Signal Handling
♦♦ TTL/CMOS-Logic Compatible
Ordering Information
Improved, Quad, SPST Analog Switches
19-4611; Rev 5; 5/09
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
D2
S2
V+
V-
S1
D1
IN1
DG442
N.C.
S3
D3
IN3
IN4
D4
S4
GND
DIP/SO
THIN QFN
THIN QFN
DIP/SO
DG442
LOGIC
SWITCH
0
1
OFF
ON
SWITCHES SHOWN FOR LOGIC “0” INPUT
DG441
LOGIC
SWITCH
0
1
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
D2
S2
V+
V-
S1
D1
IN1
DG441
N.C.
S3
D3
IN3
IN4
D4
S4
GND
TOP VIEW
N.C. = Not Internally Connected
TOP VIEW
16
D1
15
IN1
14
IN2
13
D2
5
D4
6
IN4
7
IN3
8
D3
2
V-
1
S1
3
GND
4
S4
11
V+
12
S2
10
N.C.
9
S3
DG441
16
D1
15
IN1
14
IN2
13
D2
5
D4
6
IN4
7
IN3
8
D3
2
V-
1
S1
3
GND
4
S4
11
V+
12
S2
10
N.C.
9
S3
DG442
*EP
*EP
*EP = EXPOSED PAD. CONNECT EXPOSED PAD TO V+.
Ordering Information continued at end of data sheet.
Note: Devices are available in both leaded and lead(Pb)-free
packaging. Specify lead-free by adding the + symbol at the
end of the part number when ordering.
*
Contact factory for dice specifications.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Sample-and-Hold Circuits
Communication Systems
Test Equipment
Battery-Operated Systems
Heads-Up Displays
Fax Machines
PBX, PABX
Guidance and Control
Systems
Audio-Signal Routing
Military Radios
Modems
PART
TEMP RANGE
PIN-PACKAGE
DG441CJ
0°C to +70°C
16 Plastic DIP
DG441CY
0°C to +70°C
16 Narrow SO
DG441C/D
0°C to +70°C
Dice*
DG441DJ
-40°C to +85°C
16 Plastic DIP
DG441DY
-40°C to +85°C
16 Narrow SO


Similar Part No. - DG441C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG441C/ MAXIM-DG441C/ Datasheet
106Kb / 8P
Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
More results

Similar Description - DG441C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Vishay Siliconix
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
Improved Quad SPST CMOS Analog Switches
15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
Improved Quad SPST CMOS Analog Switches
15-Dec-03
logo
Maxim Integrated Produc...
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
Improved, Quad, SPST Analog Switches
Rev 7; 9/08
logo
Vishay Siliconix
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
Improved Quad SPST CMOS Analog Switches
04-Jul-11
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
Improved Quad SPST CMOS Analog Switches
04-Jul-11
logo
Maxim Integrated Produc...
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
Improved, Quad, SPST Analog Switches
Rev 4; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com