Electronic Components Datasheet Search
  English  ▼

X  

MAX314LETP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX314LETP
Description  10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314LETP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX314LETP Datasheet HTML 6Page - Maxim Integrated Products MAX314LETP Datasheet HTML 7Page - Maxim Integrated Products MAX314LETP Datasheet HTML 8Page - Maxim Integrated Products MAX314LETP Datasheet HTML 9Page - Maxim Integrated Products MAX314LETP Datasheet HTML 10Page - Maxim Integrated Products MAX314LETP Datasheet HTML 11Page - Maxim Integrated Products MAX314LETP Datasheet HTML 12Page - Maxim Integrated Products MAX314LETP Datasheet HTML 13Page - Maxim Integrated Products MAX314LETP Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
10
Ω
Ω, Quad, SPST, +3V Logic-Compatible
Analog Switches
______________________________________________________________________________________
11
CAPACITANCE
METER
C
V+
V+
f = 1MHz
COM_
NC_ OR
NO_
GND
V-
V-
C
IN_
IN_
MAX312L
MAX313L
MAX314L
Figure 6. Channel Off-Capacitance Test Circuit
CAPACITANCE
METER
C
V+
V+
f = 1MHz
COM_
NC_ OR
NO_
GND
V-
V-
C
IN_
IN_
MAX312L
MAX313L
MAX314L
Figure 7. Channel On-Capacitance Test Circuit
Test Circuits/Timing Diagrams (continued)
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX313LCUE
0°C to +70°C
16 TSSOP
MAX313LCSE
0°C to +70°C
16 Narrow SO
MAX313LCPE
0°C to +70°C
16 Plastic DIP
MAX313LEUE
-40°C to +85°C
16 TSSOP
MAX313LESE
-40°C to +85°C
16 Narrow SO
MAX313LEPE
-40°C to +85°C
16 Plastic DIP
MAX313LETP
-40°C to +85°C
20 Thin QFN-EP*
MAX314LCUE
0°C to +70°C
16 TSSOP
MAX314LCSE
0°C to +70°C
16 Narrow SO
MAX314LCPE
0°C to +70°C
16 Plastic DIP
MAX314LEUE
-40°C to +85°C
16 TSSOP
MAX314LESE
-40°C to +85°C
16 Narrow SO
MAX314LEPE
-40°C to +85°C
16 Plastic DIP
MAX314LETP
-40°C to +85°C
20 Thin QFN-EP*
*
EP = Exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com