Electronic Components Datasheet Search
  English  ▼

X  

MAX314LETP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX314LETP
Description  10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314LETP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX314LETP Datasheet HTML 2Page - Maxim Integrated Products MAX314LETP Datasheet HTML 3Page - Maxim Integrated Products MAX314LETP Datasheet HTML 4Page - Maxim Integrated Products MAX314LETP Datasheet HTML 5Page - Maxim Integrated Products MAX314LETP Datasheet HTML 6Page - Maxim Integrated Products MAX314LETP Datasheet HTML 7Page - Maxim Integrated Products MAX314LETP Datasheet HTML 8Page - Maxim Integrated Products MAX314LETP Datasheet HTML 9Page - Maxim Integrated Products MAX314LETP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
10
Ω
Ω, Quad, SPST, +3V Logic-Compatible
Analog Switches
6
_______________________________________________________________________________________
-50
-20
-30
-40
-10
0
10
20
30
40
50
06
3
9
12
15
SUPPLY CURRENT
vs. LOGIC INPUT VOLTAGE
LOGIC INPUT VOLTAGE (V)
V+ = +16.5V,
V- = -16.5V,
ALL CHANNELS ON
I+
IGND
85
95
105
115
-15
-5
0
-10
5
10
15
TURN-ON/TURN-OFF TIME vs.
VCOM (DUAL SUPPLIES)
VCOM (V)
tON
tOFF
V+ = +15V,
V- = -15V
180
160
140
120
100
06
39
12
TURN-ON/TURN-OFF TIME vs.
VCOM (SINGLE SUPPLY)
VCOM (V)
V+ = +12V,
V- = 0
tON
tOFF
60
80
120
100
140
160
-50
0
-25
255075
100
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
tON
tOFF
V+ = +15V,
V- = -15V
0.8
1.2
1.0
1.6
1.4
1.8
2.0
412
816
20
LOGIC THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
DUAL SUPPLIES
SINGLE SUPPLY
100
300
200
500
400
600
700
±3
±9
±6
±12
±15
TURN-ON/TURN-OFF TIME vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tOFF
tON
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com