Electronic Components Datasheet Search
  English  ▼

X  

MAX1982 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1982
Description  Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1982 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1982 Datasheet HTML 1Page - Maxim Integrated Products MAX1982 Datasheet HTML 2Page - Maxim Integrated Products MAX1982 Datasheet HTML 3Page - Maxim Integrated Products MAX1982 Datasheet HTML 4Page - Maxim Integrated Products MAX1982 Datasheet HTML 5Page - Maxim Integrated Products MAX1982 Datasheet HTML 6Page - Maxim Integrated Products MAX1982 Datasheet HTML 7Page - Maxim Integrated Products MAX1982 Datasheet HTML 8Page - Maxim Integrated Products MAX1982 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low-Voltage, Low-Dropout Linear Regulators
with External Bias Supply
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 3, VIN = 1.8V, ILOAD = 1mA, CLOAD = 10µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ADJ, IN, BIAS, PGOOD, SHDN, OUT to GND..........-0.3V to +6V
Output Short-Circuit Duration ............................................Infinite
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 8.7mW/oC above +70°C)............696mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65oC to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
1.25
5.5
V
BIAS Voltage
VBIAS
4.5
5.5
V
VOUT Voltage Range
VOUT
MAX1983
0.8
2.0
V
BIAS Input Undervoltage Lockout
3.8
4.1
4.35
V
Shutdown Supply Current
IIN
1.25V < VIN < 5.5V
1
5
µA
Quiescent BIAS Current
IQ
4.5V < VBIAS < 5.5V
140
250
µA
Shutdown BIAS Current
ISHDN
4.5V < VBIAS < 5.5V
1
5
µA
MAX1982: VIN = open, VOUT = 1.20V
30
VOUT Input Bias Current
MAX1983: VIN = open, 0.8V < VOUT < 2.0V
2
µA
MAX1983 ADJ Input Current
0V < VADJ < 2.0V
1µA
REGULATOR CHARACTERISTICS
Line Regulation
ΔVOUT/
ΔVIN
ILOAD = 10mA, 1.5V < VIN < 5.5V
-0.15
+0.15
%/V
TA = +25°C, IOUT = 100mA
-1
+1
MAX1982 1.20V
Output Voltage Accuracy
VOUT
TA = 0°C to +85°C, IOUT = 1mA to 300mA,
VOUT + 0.5V < VIN < 5.5V
-3
+3
%
TA = +25°C, IOUT = 100mA
-1
+1
MAX1983 0.80V
Output Voltage Accuracy
VOUT
TA = 0°C to +85°C, IOUT = 1mA to 300mA,
VOUT + 0.5V < VIN < 5.5V
-3
+3
%
ILOAD = 300mA
350
Dropout Voltage
VDO
ILOAD = 150mA
175
mV
Current Limit
ILIM
VIN - VOUT = 1.3V
330
600
1400
mA
Thermal-Shutdown Temperature
TSHDN
160
°C
Thermal-Shutdown Hysteresis
20
°C
RMS Output Noise
10Hz to 100kHz
65
µVRMS
PGOOD COMPARATOR
Comparator Threshold
% of regulated output voltage
-12.5
-9
-6
%
Comparator Hysteresis
VHYST
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com