Electronic Components Datasheet Search
  English  ▼

X  

MAX1982 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1982
Description  Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1982 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1982 Datasheet HTML 2Page - Maxim Integrated Products MAX1982 Datasheet HTML 3Page - Maxim Integrated Products MAX1982 Datasheet HTML 4Page - Maxim Integrated Products MAX1982 Datasheet HTML 5Page - Maxim Integrated Products MAX1982 Datasheet HTML 6Page - Maxim Integrated Products MAX1982 Datasheet HTML 7Page - Maxim Integrated Products MAX1982 Datasheet HTML 8Page - Maxim Integrated Products MAX1982 Datasheet HTML 9Page - Maxim Integrated Products MAX1982 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Low-Voltage, Low-Dropout Linear Regulators
with External Bias Supply
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 3, TA = +25°C, unless otherwise noted.)
POWER-SUPPLY REJECTION RATIO (VBIAS)
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
1k
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
10
1M
VBIAS = 5V
VP-P = 0.6V
ILOAD = 0
RIPPLE REJECTION RATIO (VIN)
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
1k
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
10
1M
VIN = 3V
VP-P = 0.4V
IL = 300mA
IL = 200mA
IL = 100mA
LINE TRANSIENT (NO LOAD)
MAX1982/83 toc14
100
μs/div
2.4V
1.8V
1mV/div
VOUT
VIN
500mV/
div
1mV/
div
LOAD TRANSIENT (1mA TO 300mA)
MAX1982/83 toc15
10
μs/div
300mA
ILOAD
VOUT
200mA/
div
10mV/
div
LOAD TRANSIENT (300mA TO 1mA)
MAX1982/83 toc16
10
μs/div
300mA
ILOAD
VOUT
200mA/
div
10mV/
div
LOAD TRANSIENT IN DROPOUT
MAX1982/83 toc17
20
μs/div
300mA
ILOAD
VOUT
200mA/
div
50mV/
div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com