Electronic Components Datasheet Search
  English  ▼

X  

MAX2247 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2247
Description  2.4GHz SiGe Linear Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2247 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2247 Datasheet HTML 1Page - Maxim Integrated Products MAX2247 Datasheet HTML 2Page - Maxim Integrated Products MAX2247 Datasheet HTML 3Page - Maxim Integrated Products MAX2247 Datasheet HTML 4Page - Maxim Integrated Products MAX2247 Datasheet HTML 5Page - Maxim Integrated Products MAX2247 Datasheet HTML 6Page - Maxim Integrated Products MAX2247 Datasheet HTML 7Page - Maxim Integrated Products MAX2247 Datasheet HTML 8Page - Maxim Integrated Products MAX2247 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2.4GHz SiGe Linear Power Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX2247 EV kit, VCC_ = +2.7V to +4.2V, SHDN = VCC, RF_IN and RF_OUT terminated to 50Ω, TA = -40°C to +85°C. Typical values
are at +3V and TA = +25°C, unless otherwise noted.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC1, VCC2, VCCB, RF_OUT to GND....................-0.3V to +4.5V
SHDN, BIAS, PD_OUT ................................-0.3V to VCC_ + 0.3V
RF Input Power (50Ω source)...........................................+5dBm
RF_IN Input Current............................................................±1mA
Maximum VSWR Without Damage ........................................10:1
Maximum VSWR for Stable Operation, POUT < +25dBm........5:1
Continuous Power Dissipation (TA = +70°C)
4 ✕ 3 UCSP, 12 WLP
(derate 28.5mW/°C above +70°C) ..................................1.3W
Thermal Resistance (Note 1)............................................35°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +125°C
UCSP Bump Temperature (soldering) (Note 2)
Infrared (15s) ...............................................................+220°C
Vapor Phase (60s) .......................................................+215°C
WLP Bump Soldering Temperature .................................+250°C
Continuous Operating Lifetime.....................10yrs
× 0.92(TA - 60°C)
(For Operating Temperature, TA ≥ +60°C)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
2.7
4.2
V
POUT = +24dBm, VCC_ = 3.3V
317
350
POUT = +25dBm, VCC_ = 4.2V
345
Idle current = 250mA
with VCC = 3.3V
POUT = +23dBm, VCC_ = 3.0V
305
POUT = +21dBm with optimized output-matching circuit.
Refer to the MAX2247 EV kit for details.
175
POUT = +18dBm with optimized output-matching circuit.
Refer to the MAX2247 EV kit for details.
120
Supply Current (Notes 4, 5)
POUT = +15dBm with optimized output-matching circuit.
Refer to the MAX2247 EV kit for details.
85
mA
Shutdown Supply Current
SHDN = 0, no RF signal applied
0.5
10
µA
Digital Input Logic High
2V
Digital Input Logic Low
0.8
V
Digital Input Current High
-1
+5
µA
Digital Input Current Low
-1
+1
µA
CAUTION! ESD SENSITIVE DEVICE
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Note 2: This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the device
can be exposed to during board-level solder attach and rework. This limit permits the use of only the solder profiles recom-
mended in the industry-standard specification, JEDEC 020A, paragraph 7.6, Table 3 for IR/VPR and convection reflow.
Preheating is required. Hand or wave soldering is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com