Electronic Components Datasheet Search
  English  ▼

X  

MAX2247 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2247
Description  2.4GHz SiGe Linear Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2247 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2247 Datasheet HTML 2Page - Maxim Integrated Products MAX2247 Datasheet HTML 3Page - Maxim Integrated Products MAX2247 Datasheet HTML 4Page - Maxim Integrated Products MAX2247 Datasheet HTML 5Page - Maxim Integrated Products MAX2247 Datasheet HTML 6Page - Maxim Integrated Products MAX2247 Datasheet HTML 7Page - Maxim Integrated Products MAX2247 Datasheet HTML 8Page - Maxim Integrated Products MAX2247 Datasheet HTML 9Page - Maxim Integrated Products MAX2247 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2.4GHz SiGe Linear Power Amplifier
6
_______________________________________________________________________________________
Pin Description
BUMP
NAME
DESCRIPTION
A1
BIAS
Bias Control. The overall current is set by the current sourced through the bias pin. See the Bias Circuitry
section.
A2
VCC2
Second-Stage DC Supply Voltage. Sets the bias and external matching for the second amplifier stage.
Requires a small inductance. Bypass to ground using the configuration in the Typical Operating Circuit.
A3
GND2
Second-Stage Ground. See the Applications Information section for detailed layout information.
A4
VCC1
First-Stage DC Supply Voltage. Sets the bias and external matching for the first amplifier stage. Requires a
small inductance. Bypass to ground using the configuration in the Typical Operating Circuit.
B1
GND3
Third-Stage Ground. See the Applications Information section for detailed layout information.
B3
PD_OUT
Power-Detector Output. This output is a DC voltage indicating the PA output power.
B4
GND1
First-Stage and Bias-Control Circuit Ground
C1
RF_OUT
RF Output. Open-collector output. Requires a pullup inductor, which is part of the matching network.
C2
SHDN
Shutdown Input. Drive logic low to place the device in shutdown mode. Drive logic high for normal
operation.
C3
VCCB
Bias Circuit DC Supply Voltage. Bypass to ground using the configuration in the Typical Operating Circuit.
C4
RF_IN
RF Input. Internally matched to 50
Ω. Requires an external DC-blocking cap.
Functional Diagram/Typical Operating Circuit
MAX2247
BIAS
CIRCUIT
DETECTOR
RF_IN
RF_OUT
VCCB
PD_OUT
GND1
GND3
BIAS
VCC
10nF
10nF
3.9nH
10nF
GND2
VCC1
VCC2
22pF
22pF
C3
C33*
22pF
C5
10nF
POWER-DETECTOR
OUTPUT
RF
OUTPUT
SHUTDOWN
CONTROL
VCC
VCC
VCC
C4
RF
INPUT
INPUT
MATCH
SHDN
TRANSMISSION
LINE
*NOT REQUIRED FOR OUTPUT POWER
LESS THAN +23dBm.
REFER TO THE MAX2247 EV KIT FOR LAYOUT AND DESIGN DETAILS.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com