Electronic Components Datasheet Search
  English  ▼

X  

MAX2602ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2602ESA
Description  3.6V, 1W RF Power Transistors for 900MHz Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2602ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2602ESA Datasheet HTML 1Page - Maxim Integrated Products MAX2602ESA Datasheet HTML 2Page - Maxim Integrated Products MAX2602ESA Datasheet HTML 3Page - Maxim Integrated Products MAX2602ESA Datasheet HTML 4Page - Maxim Integrated Products MAX2602ESA Datasheet HTML 5Page - Maxim Integrated Products MAX2602ESA Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3.6V, 1W RF Power Transistors
for 900MHz Applications
_______________________________________________________________________________________
3
1.0
0
06
COLLECTOR CURRENT
0.2
0.8
VCE (V)
24
5
13
0.6
0.4
VBB = 1.00V
VBB = 0.95V
VBB = 0.90V
VBB = 0.85V
VBB = 0.80V
31
0.4
TWO-TONE OUTPUT POWER AND IM3
vs. COLLECTOR CURRENT
27
30
ICC (A)
0.6
0.8
0.5
0.7
29
28
20
16
19
18
17
POUT
IM3
POUT, IM3, AND IM5
ARE RMS COMPOSITE
TWO-TONE POWER LEVELS
35
5
TWO-TONE OUTPUT POWER, IM3, IM5
vs. INPUT POWER
-5
25
INPUT POWER (dBm)
15
25
10
20
15
5
POUT
IM5
IM3
POUT, IM3, AND IM5
ARE RMS COMPOSITE
TWO-TONE POWER
LEVELS
35
5
TWO-TONE OUTPUT POWER, IM3, IM5
vs. INPUT POWER (f = 433MHz)
-5
25
INPUT POWER (dBm)
15
25
10
20
15
5
POUT
IM5
IM3
POUT, IM3, AND IM5
ARE RMS COMPOSITE
TWO-TONE
POWER LEVELS
-20
-22
-24
-26
-28
10
ACPR vs. OUTPUT POWER
(IS-54
π/4 DQPSK MODULATION, VBB = 0.85V)
-40
OUTPUT POWER (dBm)
20
35
15
25
30
-30
-32
-34
-36
-38
3.0V
3.6V
4.8V
4.2V
60
10
COLLECTOR EFFICIENCY vs. OUTPUT POWER
(IS-54
π/4 DQPSK MODULATION, VBB = 0.85V)
0
OUTPUT POWER (dBm)
20
35
15
25
30
30
40
50
20
10
3.0V
3.6V
4.8V
4.2V
POUT, IM3, AND IM5
ARE RMS COMPOSITE
TWO-TONE POWER
LEVELS
__________________________________________Typical Operating Characteristics
(Test Circuit of Figure 1, input/output matching networks optimized for specific measurement frequency, VCC = 3.6V, VBB = 0.750V,
POUT = 30dBm, ZLOAD = ZSOURCE = 50Ω, f = 836MHz, TA = +25°C, unless otherwise noted.)
NAME
—
1, 8
C
Transistor Collector
2, 3, 6, 7, Slug
E
Transistor Emitter
BIAS
4, 5
B
Transistor Base
Anode of the Biasing Diode that matches the thermal and process char-
acteristics of the power transistor. Requires a high-RF-impedance, low-
DC-impedance (e.g., inductor) connection to the transistor base (Pin 4).
Current through the biasing diode (into Pin 3) is proportional to 1/15 the
collector current in the transistor.
FUNCTION
MAX2601
MAX2602
3
1, 8
2, 6, 7, Slug
PIN
4, 5
______________________________________________________________Pin Description



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com