Electronic Components Datasheet Search
  English  ▼

X  

MAX2602ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2602ESA
Description  3.6V, 1W RF Power Transistors for 900MHz Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2602ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2602ESA Datasheet HTML 1Page - Maxim Integrated Products MAX2602ESA Datasheet HTML 2Page - Maxim Integrated Products MAX2602ESA Datasheet HTML 3Page - Maxim Integrated Products MAX2602ESA Datasheet HTML 4Page - Maxim Integrated Products MAX2602ESA Datasheet HTML 5Page - Maxim Integrated Products MAX2602ESA Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3.6V, 1W RF Power Transistors
for 900MHz Applications
4
_______________________________________________________________________________________
_______________Detailed Description
MAX2601/MAX2602
The MAX2601/MAX2602 are high-performance silicon
bipolar transistors in power-enhanced, 8-pin SO pack-
ages. The base and collector connections use two pins
each to reduce series inductance. The emitter connects
to three (MAX2602) or four (MAX2601) pins in addition
to a back-side heat slug, which solders directly to the
PC board ground to reduce emitter inductance and
improve thermal dissipation. The transistors are intend-
ed to be used in the common-emitter configuration for
maximum
power
gain
and
power-added
efficiency.
Current Mirror Bias
(MAX2602 only)
The MAX2602 includes a high-performance silicon
bipolar RF power transistor and a thermally matched
biasing diode that matches the power transistor’s ther-
mal and process characteristics. This diode is used to
create a bias network that accurately controls the
power transistor’s collector current as the temperature
changes (Figure 2).
The biasing diode is a scaled version of the power tran-
sistor’s base-emitter junction, in such a way that the
current through the biasing diode is 1/15 the quiescent
collector current of the RF power transistor. Supplying
the biasing diode with a constant current source and
connecting the diode’s anode to the RF power transis-
tor’s base ensures that the RF power transistor’s quies-
cent collector current remains constant through
temperature variations. Simply tying the biasing diode
to the supply through a resistor is adequate in most sit-
uations. If large supply variations are anticipated, con-
nect the biasing diode to a reference voltage through a
resistor, or use a stable current source. Connect the
biasing diode to the base of the RF power transistor
through a large RF impedance, such as an RF choke
(inductor), and decouple to ground through a surface-
mount chip capacitor larger than 1000pF.
VBB
VCC
5
Ω
RFIN
T1
T2
L1
0.1
μF
2pF
L1 =
T1, T2 =
COILCRAFT A05T INDUCTOR, 18.5nH
1", 50
Ω TRANSMISSION LINE ON FR-4
1000pF
0.1
μF
1000pF
1000pF
1000pF
100nH
24
Ω
12pF
10pF
1
8
2, 6, 7
BACKSIDE
SLUG
4
5
2pF
Figure 1. Test Circuit
CBIAS
RFIN
RFOUT
CIN
COUT
VCC
VCC
Q2
RFC
RBIAS
RFC
Q1
Figure 2. Bias Diode Application



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com