Electronic Components Datasheet Search
  English  ▼

X  

MAX3676 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3676
Description  622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3676 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3676 Datasheet HTML 7Page - Maxim Integrated Products MAX3676 Datasheet HTML 8Page - Maxim Integrated Products MAX3676 Datasheet HTML 9Page - Maxim Integrated Products MAX3676 Datasheet HTML 10Page - Maxim Integrated Products MAX3676 Datasheet HTML 11Page - Maxim Integrated Products MAX3676 Datasheet HTML 12Page - Maxim Integrated Products MAX3676 Datasheet HTML 13Page - Maxim Integrated Products MAX3676 Datasheet HTML 14Page - Maxim Integrated Products MAX3676 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
622Mbps, 3.3V Clock-Recovery and
Data-Retiming IC with Limiting Amplifier
______________________________________________________________________________________
13
allowable pattern-dependent jitter, peak-to-peak
(seconds); and BW = typical system bandwidth, nor-
mally 0.6 to 1.0 times the data rate (Hertz). If the PDJ is
still larger than desired, continue increasing the value of
CIN. Note that to maintain stability when using the
MAX3676 analog inputs (ADI+, ADI-), it is important to
keep the low-frequency cutoff associated with COLC
below the corner frequency associated with CIN (fC)
(Table 1).
PDJ can also be present due to insufficient high-fre-
quency bandwidth (Figure 10). If the amplifiers are not
fast enough to allow for complete transitions during sin-
gle-bit patterns, or if the amplifier does not allow ade-
quate settling time, high-frequency PDJ can result.
Pulse-Width Distortion
Finally, PWD occurs when the midpoint crossing of a
0–1 transition and a 1–0 transition does not occur at the
same level (Figure 11). DC offsets and nonsymmetrical
rising and falling edge speeds both contribute to PWD.
For a 1–0 bit stream, calculate PWD as follows:
PWD = [(width of wider pulse) -
(width of narrower pulse)]/2
Phase Adjust
The internal clock and data alignment in the MAX3676
is well maintained close to the center of the data eye.
Although not required, this sampling point can be shift-
ed using the PHADJ inputs to optimize BER perfor-
mance. The PHADJ inputs operate with differential
input signals to approximately ±1V. A simple resistor
divider with a bypass capacitor is sufficient to set up
these levels. When the PHADJ inputs are not used, they
should be tied directly to VCC.
Figure 10. Pattern-Dependent Jitter Due to High-Frequency
Rolloff
TIME
MIDPOINT
LONG
CONSECUTIVE
BIT STREAM
0-1-0 BIT STREAM
HF PDJ
Figure 11. Pulse-Width Distortion
TIME
MIDPOINT
WIDTH OF A ONE
WIDTH OF A ZERO
PWD RESULTS WHEN THE WIDTH
OF A ZERO DOES NOT EQUAL
THE WIDTH OF A ONE.
tFALL
≠ tRISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com