Electronic Components Datasheet Search
  English  ▼

X  

MAX3676 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3676
Description  622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3676 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3676 Datasheet HTML 2Page - Maxim Integrated Products MAX3676 Datasheet HTML 3Page - Maxim Integrated Products MAX3676 Datasheet HTML 4Page - Maxim Integrated Products MAX3676 Datasheet HTML 5Page - Maxim Integrated Products MAX3676 Datasheet HTML 6Page - Maxim Integrated Products MAX3676 Datasheet HTML 7Page - Maxim Integrated Products MAX3676 Datasheet HTML 8Page - Maxim Integrated Products MAX3676 Datasheet HTML 9Page - Maxim Integrated Products MAX3676 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
622Mbps, 3.3V Clock-Recovery and
Data-Retiming IC with Limiting Amplifier
6
_______________________________________________________________________________________
Pin Description
32
CFILT
RSSI Filter Capacitor Input. Connect a 47nF capacitor between CFILT and VCC.
30
ADI+
Positive Analog Data Input, 622.08Mbps serial-data stream
29
ADI-
Negative Analog Data Input, 622.08Mbps serial-data stream
28
INSEL
Input Select. Connect to GND to select digital data inputs or VCC for analog data inputs.
27
DDI-
Negative Digital Data Input, PECL, 622.08Mbps serial-data stream
26
DDI+
Positive Digital Data Input, PECL, 622.08Mbps serial-data stream
23
FIL+
Positive Filter Input. PLL loop filter connection. Internally connected to VCC.
22
FIL-
Negative Filter Input. PLL loop filter connection. Connect a 2.2μF capacitor between FIL- and FIL+.
20
PHADJ+
Positive Phase-Adjust Input. Used to optimally align internal PLL phase. Attach to VCC if not used.
19
PHADJ-
Negative Phase-Adjust Input. Used to optimally align internal PLL phase. Attach to VCC if not used.
NAME
FUNCTION
1
OLC+
Positive Offset-Correction Loop Capacitor Input
2
OLC-
Negative Offset-Correction Loop Capacitor Input
PIN
3
RSSI
Received-Signal-Strength Indicator Output
4, 8, 16,
24, 25
GND
Supply Ground
9, 12, 15,
18, 21, 31
VCC
Positive Supply Voltage
7
LOP
Loss-of-Power Output, TTL. Limiting amplifier loss-of-power monitor. Asserts high when input signal
is below threshold set by VTH.
6
VTH
Voltage Threshold Input. Threshold voltage for loss-of-power monitor. Attach to VCC if LOP function
is not used.
5
INV
Op Amp Inverting Input. Attach to ground if op amp is not used.
17
LOL
Loss-of-Lock Output, TTL. PLL loss-of-lock monitor, active low (see the
Design Procedure section).
14
SDO+
Positive Serial-Data Output, PECL, 622.08Mbps
13
SDO-
Negative Serial-Data Output, PECL, 622.08Mbps
11
SCLKO+
Positive Serial-Clock Output, PECL, 622.08MHz. SDO+ is clocked out on the rising edge of SCLKO+.
10
SCLKO-
Negative Serial-Clock Output, PECL, 622.08MHz. SDO- is clocked out on the falling edge of SCLKO-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com