Electronic Components Datasheet Search
  English  ▼

X  

MAX9949 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9949
Description  Dual Per-Pin Parametric Measurement Units
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9949 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9949 Datasheet HTML 3Page - Maxim Integrated Products MAX9949 Datasheet HTML 4Page - Maxim Integrated Products MAX9949 Datasheet HTML 5Page - Maxim Integrated Products MAX9949 Datasheet HTML 6Page - Maxim Integrated Products MAX9949 Datasheet HTML 7Page - Maxim Integrated Products MAX9949 Datasheet HTML 8Page - Maxim Integrated Products MAX9949 Datasheet HTML 9Page - Maxim Integrated Products MAX9949 Datasheet HTML 10Page - Maxim Integrated Products MAX9949 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Dual Per-Pin Parametric Measurement Units
_______________________________________________________________________________________
7
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +12V, VEE = -7V, VL = +3.3V, CCM = 120pF, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. TA < +25°C guaranteed
by design and characterization. Typical values are at TA = +25°C, unless otherwise specified.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DISABLE True (0) to High-Z
CLCOMP = 20pF, measured from 50% of
digital input voltage to 10% of output
voltage
300
ns
DISABLE False (1) to Active
CLCOMP = 20pF, measured from 50% of
digital input voltage to 90% of output
voltage
100
ns
SERIAL PORT (VL = +3.0V, CDOUT = 10pF)
Serial Clock Frequency
fSCLK
20
MHz
SCLK Pulse-Width High
tCH
12
ns
SCLK Pulse-Width Low
tCL
12
ns
SCLK Fall to DOUT Valid
tDO
22
ns
CS Low to SCLK High Setup
tCSS0
10
ns
SCLK High to
CS High Hold
tCSH1
22
ns
SCLK High to
CS Low Hold
tCSH0
0ns
CS High to SCLK High Setup
tCSS1
5ns
DIN to SCLK High Setup
tDS
10
ns
DIN to SCLK High Hold
tDH
(Note 14)
0
ns
CS Pulse-Width High
tCSWH
10
ns
CS Pulse-Width Low
tCSWL
10
ns
LOAD Pulse-Width Low
tLDW
20
ns
VDD High to CS Low (Power-Up)
(Note 14)
500
µs
Note 2: The device operates properly with different supply voltages with equally different voltage swings.
Note 3: Tested at VCC = +18V and VEE = -12V.
Note 4: Interpret errors expressed in terms of %FSR (percent of full-scale range) as a percentage of the end-point to end-point
range, i.e., for the ±25mA range, the full-scale range = 50mA and a 1% error = 500µA.
Note 5: Case must be maintained ±5°C for linearity specifications.
Note 6: Current linearity specifications are maintained to within 700mV of the clamp voltages when the clamps are enabled.
Note 7: Tested in range C.
Note 8: Linearity of the measured output is only guaranteed within the specified current range.
Note 9: The digital interface accepts +5V, +3.3V, and +2.5V CMOS logic levels. The voltage at VL adjusts the threshold.
Note 10: Settling times are to 0.1% of FSR. Cx = 47pF.
Note 11: All settling times are specified using a single compensation capacitor (Cx) across all current-sense resistors. Use an indi-
vidual capacitor across each sense resistor for better performance across all current ranges, particularly the lower ranges.
Note 12: The actual settling time of the measured voltage path (SENSE_ input to MSR_ output) is less than 1µs. However, the R-C
time constant of the sense resistor and the load capacitance causes a longer overall settling time of the DUT voltage. This
settling time is a function of the current-range resistor used.
Note 13: The propagation delay time is only guaranteed over the force-voltage output range. Propagation delay is measured by
holding the SENSE_ input voltage steady and transitioning THMAX_ or THMIN_.
Note 14: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com