Electronic Components Datasheet Search
  English  ▼

X  

MAX9949 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX9949
Description  Dual Per-Pin Parametric Measurement Units
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9949 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX9949 Datasheet HTML 14Page - Maxim Integrated Products MAX9949 Datasheet HTML 15Page - Maxim Integrated Products MAX9949 Datasheet HTML 16Page - Maxim Integrated Products MAX9949 Datasheet HTML 17Page - Maxim Integrated Products MAX9949 Datasheet HTML 18Page - Maxim Integrated Products MAX9949 Datasheet HTML 19Page - Maxim Integrated Products MAX9949 Datasheet HTML 20Page - Maxim Integrated Products MAX9949 Datasheet HTML 21Page - Maxim Integrated Products MAX9949 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Dual Per-Pin Parametric Measurement Units
18
______________________________________________________________________________________
Applications Information
In force-voltage (FV) mode, the output FORCE_ voltage
is directly proportional to the input control voltage. In
force-current (FI) mode, the current flowing out of the
FORCE_ output is proportional to the input control volt-
age. Positive current flows out of the PMU.
In force-nothing (FN) mode, the FORCE_ output is high
impedance.
In measure-current (MI) mode, the voltage at the MSR_
output is directly proportional to the current exiting the
FORCE_ output. Positive current flows out of the PMU.
In measure-voltage (MV) mode, the voltage at the
MSR_ output is directly proportional to the voltage at
the SENSE_ input.
Current-Sense-Amplifier Offset
Voltage Input
IOS is a buffered input to the current-sense amplifier.
The current-sense amplifier converts the input control
voltage (IN0_ or IN1_) to the forced DUT current (FI)
AND converts the sensed DUT current to the MSR_ out-
put voltage (MI). When IOS equals zero relative to DUT-
GND (the GND voltage at the DUT, which the
level-setting DACs and the ADC are presumed to use
as a ground reference), the nominal voltage range that
corresponds to ± full-scale current is -4V to +4V. Any
voltage applied to the IOS input adds directly to this
control input/measure output voltage range, i.e., apply-
ing +4V to IOS forces the voltage range that corre-
sponds to ± full-scale current from 0 to +8V.
The following equations determine the minimum and
maximum currents for each current range correspond-
ing to the input voltage or measure voltage:
VMAXCURRENT = VIOS + 4V
VMINCURRENT = VIOS - 4V
Choose IOS so the limits of the MSR_ output do not go
closer than 2.8V to either VEE or VCC. For example, with
supplies of +10V and -5V, limit the MSR_ output to -2.2V
and +7.2V. Therefore, set IOS between +1.8V and +3.2V.
The MSR_ output could clip if IOS is not within this range.
Use these general equations for the limits on IOS:
Minimum VIOS = VEE + 6.8V
Maximum VIOS = VCC - 6.8V
Current Booster for Highest Current Range
An external buffer amplifier can be used to provide a
current range greater than the MAX9949/MAX9950
maximum output current (Figure 5). This function oper-
ates as follows.
A digital output decoded from the range select bits,
EXTSEL_, indicates when to activate the booster. The
R_COM output serves as an input to an external buffer
through a 50
Ω current-limit series resistor. Each side of
the external current-sense resistor feeds back to RXA_
and RXD_. Ensure that the buffer circuit enters a high-Z
output state when not selected. Any leakage in the
buffer adds to the leakage of the PMU.
Voltage Clamps
The voltage clamps limit the FORCE_ output and oper-
ate over the entire specified current range. Set the
clamp voltages externally at CLHI_ and CLLO_. The
voltage at the FORCE_ output triggers the clamps inde-
pendent of the voltage at the SENSE_ input. When
enabled, the clamps function in both FI and FV modes.
Current Limit
The current-limiting circuitry on the FORCE_ output
ensures a well-behaved MSR_ output for currents
between the full current range and the current limits, i.e.,
for currents greater than the full-scale current, the MSR_
voltage is greater than +4V and for currents less than the
full-scale current, the MSR_ voltage is less than -4V.
Independent Control of the Feedback
Switch and the Measure Switch
Two single-pole-double-throw (SPDT) switches deter-
mine the mode of operation of the PMU. One switch
FORCE_
REXTBOOST
R_COM
50
Ω
RXA_
RXD_
INTERNAL TO MAX9949/MAX9950
AV = +2
EXTSEL_
Figure 5. External Current Boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com