Electronic Components Datasheet Search
  English  ▼

X  

CDB4353 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB4353
Description  3.3 V Stereo Audio DAC with 2 VRMS Line Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4353 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB4353 Datasheet HTML 9Page - Cirrus Logic CDB4353 Datasheet HTML 10Page - Cirrus Logic CDB4353 Datasheet HTML 11Page - Cirrus Logic CDB4353 Datasheet HTML 12Page - Cirrus Logic CDB4353 Datasheet HTML 13Page - Cirrus Logic CDB4353 Datasheet HTML 14Page - Cirrus Logic CDB4353 Datasheet HTML 15Page - Cirrus Logic CDB4353 Datasheet HTML 16Page - Cirrus Logic CDB4353 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DS803F1
13
CS4353
4. APPLICATIONS
4.1
Line Outputs
4.1.1
Ground-centered Outputs
An on-chip charge pump creates both positive and negative high-voltage supplies, which allows the full-
scale output swing to be centered around ground. This eliminates the need for large DC-blocking capac-
itors which create audible pops at power-on, allows the CS4353 to deliver a larger full-scale output at low-
er supply voltages, and provides improved bandwidth frequency response.
4.1.2
Full-scale Output Amplitude Control
The full-scale output voltage amplitude is selected via the 1_2VRMS pin. When the pin is connected to
VL, the full-scale output voltage at the AOUTx pins is approximately 2 VRMS. When the pin is connected
to GND, the full-scale output voltage at the AOUTx pins is approximately 1 VRMS. Additional impedance
between the AOUTx pin and the load will lower the voltage delivered to the load. See the DAC Analog
Characteristics table for the complete specifications of the full-scale output voltage.
4.1.3
Pseudo-differential Outputs
The CS4353 implements a pseudo-differential output stage. The AOUT_REF input is intended to be used
as a pseudo-differential reference signal. This feature provides common mode noise rejection with single-
ended signals. Figure 4 shows a basic diagram outlining the internal implementation of the pseudo-differ-
ential output stage, including a recommended stereo pseudo-differential output topology. If pseudo-differ-
ential output functionality is not required, simply connect the AOUT_REF pin to ground next to the
CS4353. If a split-ground design is used, the AOUT_REF pin should be connected to AGND. See the Ab-
solute Maximum Ratings table for the maximum allowable voltage on the AOUT_REF pin. Applying a DC
voltage on the AOUT_REF pin will cause a DC offset on the DAC output.
Internal Left
DAC Signal
AOUTA
AOUT_REF
//
//
Left Output
GND
(pseudo-differential traces)
AOUTB
//
Right Output
(pseudo-differential traces)
Internal Right
DAC Signal
Psuedo-differential output improves common
mode rejection, reducing external system noise
Figure 4. Stereo Pseudo-differential Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com