Electronic Components Datasheet Search
  English  ▼

X  

CDB4353 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CDB4353
Description  3.3 V Stereo Audio DAC with 2 VRMS Line Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4353 Datasheet(HTML) 3 Page - Cirrus Logic

  CDB4353 Datasheet HTML 1Page - Cirrus Logic CDB4353 Datasheet HTML 2Page - Cirrus Logic CDB4353 Datasheet HTML 3Page - Cirrus Logic CDB4353 Datasheet HTML 4Page - Cirrus Logic CDB4353 Datasheet HTML 5Page - Cirrus Logic CDB4353 Datasheet HTML 6Page - Cirrus Logic CDB4353 Datasheet HTML 7Page - Cirrus Logic CDB4353 Datasheet HTML 8Page - Cirrus Logic CDB4353 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DS803F1
3
CS4353
LIST OF FIGURES
Figure 1.Serial Input Timing ........................................................................................................................ 9
Figure 2.Power-on Reset Threshold Sequence ........................................................................................ 10
Figure 3.Typical Connection Diagram ....................................................................................................... 12
Figure 4.Stereo Pseudo-differential Output ............................................................................................... 13
Figure 5.I²S, up to 24-bit Data ................................................................................................................... 15
Figure 6.Left-justified up to 24-bit Data ..................................................................................................... 15
Figure 7.De-emphasis Curve, Fs = 44.1 kHz ............................................................................................ 16
Figure 8.Internal Power-on Reset Circuit .................................................................................................. 16
Figure 9.Initialization and Power-down Sequence Diagram ..................................................................... 18
Figure 10.Single-speed Stopband Rejection ............................................................................................. 21
Figure 11.Single-speed Transition Band ................................................................................................... 21
Figure 12.Single-speed Transition Band (detail) ....................................................................................... 21
Figure 13.Single-speed Passband Ripple ................................................................................................. 21
Figure 14.Double-speed Stopband Rejection ........................................................................................... 21
Figure 15.Double-speed Transition Band ................................................................................................. 21
Figure 16.Double-speed Transition Band (detail) ..................................................................................... 22
Figure 17.Double-speed Passband Ripple ............................................................................................... 22
Figure 18.Quad-speed Stopband Rejection .............................................................................................. 22
Figure 19.Quad-speed Transition Band .................................................................................................... 22
Figure 20.Quad-speed Transition Band (detail) ........................................................................................ 22
Figure 21.Quad-speed Passband Ripple .................................................................................................. 22
LIST OF TABLES
Table 1. Digital I/O Pin Characteristics ..................................................................................................... 11
Table 2. CS4353 Operational Mode Auto-Detect ...................................................................................... 14
Table 3. Single-speed Mode Standard Frequencies ................................................................................. 14
Table 4. Double-speed Mode Standard Frequencies ............................................................................... 14
Table 5. Quad-speed Mode Standard Frequencies ..................................................................................14
Table 6. Digital Interface Format ............................................................................................................... 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com