Electronic Components Datasheet Search
  English  ▼

X  

SA09 Datasheet(PDF) 6 Page - Cirrus Logic

Part # SA09
Description  Pulse Width Modulation Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA09 Datasheet(HTML) 6 Page - Cirrus Logic

  SA09 Datasheet HTML 1Page - Cirrus Logic SA09 Datasheet HTML 2Page - Cirrus Logic SA09 Datasheet HTML 3Page - Cirrus Logic SA09 Datasheet HTML 4Page - Cirrus Logic SA09 Datasheet HTML 5Page - Cirrus Logic SA09 Datasheet HTML 6Page - Cirrus Logic SA09 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA09

SA09U
CURRENTLIMIT
There are two load current sensing pins, I SENSE A and I SENSE B. The two pins can be shorted in the voltage
mode connection but both must be used in the current mode connection (see figures A and B). It is recommended
that R
LIMIT resistors be non-inductive. Load current flows in the I SENSE pins. To avoid errors due to lead lengths
connect the I LIMIT/SHDN pin directly to the R
LIMIT resistors (through the filter network and shutdown divider resistor)
and connect the R
LIMIT resistors directly to the GND pin. Do not connect RLIMITsense resistors to the ground plane.
Switching noise spikes will invariably be found at the I SENSE pins. The noise spikes could trip the current limit
threshold which is only 100 mV. R
FILTER and CFILTER should be adjusted so as to reduce the switching noise well be-
low 100 mV to prevent false current limiting. The sum of the DC level plus the noise peak will determine the current
limiting value. As in most switching circuits it may be difficult to determine the true noise amplitude without careful
attention to grounding of the oscilloscope probe. Use the shortest possible ground lead for the probe and connect
exactly at the GND terminal of the amplifier. Suggested starting values are C
FILTER = 0.001uF, RFILTER = 5k .
0
The required value of R
LIMIT in voltage mode may be calculated by:
R
LIMIT = 0.1 V / ILIMIT
where R
LIMIT is the required resistor value, and ILIMIT is the maximum desired current. In current mode the required
value of each R
LIMIT is 2 times this value since the sense voltage is divided down by 2 (see Figure B). If RSHDN is used
it will further divide down the sense voltage. The shutdown divider network will also have an effect on the filtering
circuit.
SHUTDOWN
The shutdown circuitry makes use of the internal current limiting circuitry. The two functions may be externally
combined in voltage and current modes as shown below in Figures A and B. The R
LIMIT resistors will normally be
very low values and can be considered zero for this application. In Figure A, R
SHDN and 1K form a voltage divider for
the shutdown signal. After a suitable noise filter is designed for the current limit, adjust the value of R
SHDN to give a
minimum 110 mV of shutdown signal at the I LIMIT/SHDN pin when the shutdown signal is high. Note that C
FILTER will
filter both the current limit noise spikes and the shutdown signal. Shutdown and current limit operate on each cycle
of the internal switching rate. As long as the shutdown signal is high the output will be disabled.
PROTECTIONCIRCUITS
Circuits monitor the temperature and load on each of the bridge output transistors. On each cycle should any fault
condition be detected all output transistors in the bridge are shut off. Faults protected against are: shorts across
the outputs, shorts to ground, and over temperature conditions. Should any of these faults be detected, the output
transistors will be latched off *. In addition there is a built in dead time during which all the output transistors are off.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com