Electronic Components Datasheet Search
  English  ▼

X  

SA09 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA09
Description  Pulse Width Modulation Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA09 Datasheet(HTML) 1 Page - Cirrus Logic

  SA09 Datasheet HTML 1Page - Cirrus Logic SA09 Datasheet HTML 2Page - Cirrus Logic SA09 Datasheet HTML 3Page - Cirrus Logic SA09 Datasheet HTML 4Page - Cirrus Logic SA09 Datasheet HTML 5Page - Cirrus Logic SA09 Datasheet HTML 6Page - Cirrus Logic SA09 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA09
SA09U

FEATURES
♦500kHzSWITCHING
♦FULLBRIDGEOUTPUT5-40V(80VP-P)
♦5AOUTPUT
♦1IN2FOOTPRINT
♦FAULTPROTECTION
♦SHUTDOWNCONTROL
♦SYNCHRONIZABLECLOCK
♦HERMETICPACKAGE
APPLICATIONS
♦HIGHFIDELITYAUDIOAMPLIFIER
♦BRUSHTYPEMOTORCONTROL
♦VIBRATIONCANCELLINGAMPLIFIER
Pulse Width Modulation Amplifiers
SA09
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
JAN2009
APEX − SA09REVA
DESCRIPTION
The SA09 amplifier is a 40 volt, 500kHz PWM ampli-
fier. The full bridge output circuit provides 5 amps of
continuous drive current for applications as diverse as
high fidelity audio and brush type motors. Clock output
and input pins can be used for synchronization with
other amplifiers or an externally generated clock. Direct
access to the pwm input is provided for connection to
digital motion control circuits. Protection circuits guard
against thermal overloads as well as shorts to supply
or ground. The current limit is programmable with one
or two external resistors depending on the application.
A shutdown input disables all output bridge drivers.
The 18 pin steel package is hermetically sealed.
BLOCKDIAGRAM
ANDTYPICALAPPLICATIONCONNECTIONSHIGHFIDELITYAUDIO


Similar Part No. - SA09

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
SA090CA YINT-SA090CA Datasheet
843Kb / 5P
SA Transient Voltage Suppressor Diode Series
More results

Similar Description - SA09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA07 APEX-SA07 Datasheet
276Kb / 5P
PULSE WIDTH MODULATION AMPLIFIERS
SA08 APEX-SA08 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA12 APEX-SA12 Datasheet
244Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA08 APEX-SA08_06 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
Pulse Width Modulation
logo
Cirrus Logic
SA07 CIRRUS-SA07 Datasheet
524Kb / 7P
Pulse Width Modulation Amplifiers
SA12 APEX-SA12_07 Datasheet
268Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
MSA240 CIRRUS-MSA240 Datasheet
214Kb / 5P
Pulse Width Modulation Amplifiers
SA08 CIRRUS-SA08 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
SA12 CIRRUS-SA12 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com