Electronic Components Datasheet Search
  English  ▼

X  

VRE405AS Datasheet(PDF) 1 Page - Cirrus Logic

Part # VRE405AS
Description  Precision Dual Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE405AS Datasheet(HTML) 1 Page - Cirrus Logic

  VRE405AS Datasheet HTML 1Page - Cirrus Logic VRE405AS Datasheet HTML 2Page - Cirrus Logic VRE405AS Datasheet HTML 3Page - Cirrus Logic VRE405AS Datasheet HTML 4Page - Cirrus Logic VRE405AS Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE405
VRE405DS

DESCRIPTION
The VRE405 is a low cost, high precision, ±5 V refer-
ence. Available in 14-pin DIP or SMT packages, the
device is ideal for new designs that need a high perfor-
mance reference.
The device provides ultrastable ±5 V output with ±0.5
mV (.01%) initial accuracy and a temperature coeffi-
cient of 0.6 ppm/°C. This improvement in accuracy is
made possible by a unique, patented multipoint laser
compensation technique.
Another key feature of this reference is the 0.3 mV
maximum tracking error between the positive and neg-
ative output voltages over the operating temperature
range. This is extremely important in high performance
systems for reducing overall system errors.
For designs which use the DIP package in a socket,
there is a reference ground pin to eliminate the refer-
ence ground errors.
FEaTuRES
♦ ±5 V Output, ± 0.5 mV (.01%)
♦ Temperature Drift: 0.6 ppm/ºC
♦ Low Noise: 3 μV
P-P (0.1-10hz)
♦ Tracking Error: 0.3 mV Max.
♦ Excellent Line Regulation: 6 ppm/V Typical
♦ Surface Mount and DIP Package Options
aPPlICaTIONS
The VRE405 is recommended for use as a refer-
ence for high precision D/A and A/D converters
which require an external precision reference.
The device is ideal for calibrating scale factor on
high resolution A/D converters. The VRE405 of-
fers superior performance over monolithic refer-
ences.
Precision Dual Voltage Reference
VRE405
P r o d u c t I n n o v a t i o n F r o m
Figure.BlOCKDIaGRaM
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MaR2009
APEX − VRE405DSREVB
Model
Initial
Error
(mV)
Temp.
Coeff.
(ppm/ºC)
Temp.
Range
(ºC)
Package
Options
VRE405AS
VRE405AD
VRE405BS
VRE405BD
VRE405CS
VRE405CD
±0.5
±0.5
±0.8
±0.8
±1.0
±1.0
0.6
0.6
1.0
1.0
2.0
2.0
0ºC to +70ºC
0ºC to +70ºC
0ºC to +70ºC
0ºC to +70ºC
0ºC to +70ºC
0ºC to +70ºC
SMT14 (GE)
DIP14 (KE)
SMT14 (GE)
DIP14 (KE)
SMT14 (GE)
DIP14 (KE)
SElECTIONGuIDE
4-pinSurfaceMount
PackageStyleGE
4-pinDIP
PackageStyleKE


Similar Part No. - VRE405AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE405A ETC-VRE405A Datasheet
1Mb / 20P
Precision Dual Reference
More results

Similar Description - VRE405AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE402 ETC-VRE402 Datasheet
1Mb / 20P
Precision Dual Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE410 CIRRUS-VRE410 Datasheet
676Kb / 5P
Precision Dual Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com