Electronic Components Datasheet Search
  English  ▼

X  

VRE405AS Datasheet(PDF) 4 Page - Cirrus Logic

Part # VRE405AS
Description  Precision Dual Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE405AS Datasheet(HTML) 4 Page - Cirrus Logic

  VRE405AS Datasheet HTML 1Page - Cirrus Logic VRE405AS Datasheet HTML 2Page - Cirrus Logic VRE405AS Datasheet HTML 3Page - Cirrus Logic VRE405AS Datasheet HTML 4Page - Cirrus Logic VRE405AS Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE405
4
VRE405DS
.ThEORYOFOPERaTION
The following discussion refers to the block diagram in Figure 1. A FET current source is used to bias a 6.3 V zener
diode. The zener voltage is divided by the resistor network R1 and R2. This voltage is then applied to the noninvert-
ing input of the operational amplifier which amplifies the voltage to produce a 5 V output. The gain is determined by
the resistor networks R3 and R4: G=1 + R4/R3. The 6.3 V zener diode is used because it is the most stable diode
over time and temperature.
The current source provides a closely regulated zener current, which determines the slope of the references’ volt-
age vs. temperature function. By trimming the zener current a lower drift over temperature can be achieved. But
since the voltage vs. temperature function is nonlinear this compensation technique is not well suited for wide tem-
perature ranges.
A nonlinear compensation network of thermistors and resistors that is used in the VRE series voltage references.
This proprietary network eliminates most of the nonlinearity in the voltage vs. temperature function. By adjusting the
slope, a very stable voltage is produced over wide temperature ranges.
This network is less than 2% of the overall network resistance so it has a negligible effect on long term stability.
The VRE405 reference has it’s ground terminal brought out on two pins (pin 6 and 7) which are connected internally.
This allows the user to achieve greater accuracy when using a socket. Voltage references have a voltage drop
across their power supply ground pin due to quiescent current flowing through the contact resistance. If the contact
resistance was constant with time and temperature, this voltage drop could be trimmed out. When the reference
is plugged into a socket, this source of error can be as high as 20 ppm. By connecting pin 7 to the power supply
ground and pin 6 to a high impedance ground point in the measurement circuit, the error due to the contact resis-
tance can be eliminated. If the unit is soldered into place, the contact resistance is sufficiently small that it does not
effect performance.
PINCONFIGuRaTION
11
12
13
14
VRE405
TOP
VIEW
1
2
3
4
N/C
+VIN
GND
REF. GND
+VOUT
5
6
7
10
9
8
- V
OUT
N/C
- V
IN
N/C
N/C
N/C
N/C
N/C
N/C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com