Electronic Components Datasheet Search
  English  ▼

X  

423B Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 423B
Description  Low Barrier Schottky Diode Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

423B Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  423B Datasheet HTML 1Page - Agilent(Hewlett-Packard) 423B Datasheet HTML 2Page - Agilent(Hewlett-Packard) 423B Datasheet HTML 3Page - Agilent(Hewlett-Packard) 423B Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Field-replaceable detector elements
In the event of diode burnout, field-replaceable detector
elements are available for economical customer repair.
The critical components are supplied (and tested) as an
integrated unit, with the mount playing only a minor role in
determining frequency response and SWR. The following
table lists field-replaceable detector modules that have
been tested to their respective specifications.
Table 1.
Agilent Model
Agilent replacement part number
423B
00423-60003
8470B
08470-60012
8472B
08470-60012
8473B
08473-80001
Option 8473B–001
08473-80002
Option 8473B–003
08473-80003
8473C
08473-80004
Option 8473C–001
08473-80005
Option 8473C–003
08473-80006
423B
8470B
RF connector
D
D
D
L
L
L
8472B
8473B/C
Figure 5. Drawing dimensions given
in specification table
Typical LBSD
detector
+1.00
-1.00
0.01
2
4
6
8
10
12
14
16
18
+0.75
-0.75
+0.50
-0.50
+0.25
-0.25
Frequency (GHz)
0
LBSD
specifications
Figure 2. Detector frequency response specifications
Typical LBSD
detector
1.8
1.0
0.01
2
4
6
8
10
12
14
16
18
1.7
1.1
1.6
1.2
1.5
1.3
Frequency (GHz)
1.4
LBSD
specifications
Figure 3. Detector SWR specifications
Typical
SWR for
LBSD
detector
models
2.0 Source
SWR
1.5 Source
SWR
0
1.0
1.2
1.4
1.6
1.8
2.0
0.2
0.4
1.0
0.6
Detector SWR
0.8
Figure 4. Measurement uncertainty due to detector source mismatch
Without
load
Square
law loaded
LBSD
LBSD
0.005
-50
-40
-30
-20
-10
0
0.05
0.5
500.0
5.0
Input power (dBm)
50.0
Figure 6. Typical detector square-law response



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com