Electronic Components Datasheet Search
  English  ▼

X  

423B Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # 423B
Description  Low Barrier Schottky Diode Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

423B Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  423B Datasheet HTML 1Page - Agilent(Hewlett-Packard) 423B Datasheet HTML 2Page - Agilent(Hewlett-Packard) 423B Datasheet HTML 3Page - Agilent(Hewlett-Packard) 423B Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Specifications
Specifications1
Agilent 423B
Agilent 8473B
Agilent 8473C
Agilent 8470B
Agilent 8472B
Frequency range2
0.01 to 12.4 GHz
0.01 to 18 GH
z
0.01 to 26.5 GHz
0.01 to 18 GHz
0.00 to 18 GHz
Frequency response
Octave band flatness
(over any octave 0 01
to 8 GHz)
±0.2 dB
±0.2 dB
±0.2 dB
±0.2 dB
±0.2 dB
Broadband flatness
0.01 dB to 12.4 GHz: ±0.3 dB
0.01 to 12.4 GHz: ±0.3 dB
0.01 to 18 GHZ: ±0.6 dB
0.01 to 12.4 GHz: ±0.3 dB
0.01 to 20 GHz: ±6 dB
20 to 26.5 GHz: ±1.5 dB from
a 3.3 dB linear slope
0.01 to 12.4 GHz: ±0.3 dB
0.01 to 15 GHz: ±0.5 dB
0.01 to 18 GHz: ±0.6 dB
0.01 to 12.4 GHz: ±0.3 dB
0.01 to 15 GHz: ±0.5 dB
SWR3, maximum (50Ω
characteristic impedance)
0.01 to 4 GHz: 1.15
4 to 12.4 G Hz: 1.30
0.01 to 4 GHz: 1.2
4 to 18 GHz: 1.5
0.01 to 4 GHz: 1.2
4 to 18 GHz: 1.5
18 to 26.5 GHz: 2.2
0.01 to 4 GHz: 1.15
4 to 15 GHz: 1.30
15 to 18 GHz: 1.70
0.01 to 4.5 GHz: 1.20
4.5 to 7 GHz: 1.35
Maximum operating input
(Peak or average)
200 mW
200 mW
200 mW
200 mW
200 mW
Short- term maximum Input
(less than 1 min.)
1 watt (typical)
1 watt (typical)
1 watt (typical)
1 watt (typical)
1 watt (typical)
Sensitivity4
> 0.5 mV/μW
> 0.5 mV/μW
0.01 to 18 GHz: > 0.5 mV/μW
18 to 26.5 GHz: > 0.1 8 mV/μW
> 0.5 mV/μW
> 0.5 mV/μW
Noise (μV peak-to-peak
with CW power applied to
produce 100 mV output)
< 50 μV
< 50 μV
< 50 μV
< 50 μV
< 50 μV
Environmental qualifications
Operating temperature
Vibration
Shock
0 to 55 °C
20 G’s, 80 - 2000 Hz
100 G’s, 11 ms
-20 °C to +85 °C
20 G’s, 80 - 2000 Hz
100 G’s, 11 ms
-20 °C to +85 °C
20 G’s, 80 - 2000 Hz
100 G’s, 11 ms
-20 °C to +85 °C
20 G’s, 80 - 2000 Hz
100 G’s, 11 ms
-20 °C to +85 °C
20 G’s, 80 - 2000 Hz
100 G’s, 11 ms
Output polarity
Negative
Negative
Negative
Negative
Negative
Input connector
Type N Male
3.5 mm Male
(SMA Compatible)
3.5 mm Male
(SMA Compatible)
APC-7
SMA Male
Output connector
BNC Female
BNC Female
BNC Female
BNC Female
BNC Female
Video impedance
1 kΩ to 2 kΩ
1.3 kΩ (typical)
1 kΩ to 2 kΩ
1.3 kΩ (typical)
1 kΩ to 2 kΩ
1.3 kΩ (typical)
1 kΩ to 2 kΩ
1.3 kΩ (typical)
1 kΩ to 2 kΩ
1.3 kΩ (typical)
RF bypass capacitor
20 pF to 60 pF
30 pF (typical)
20 pF to 60 pF
30 pF (typical)
20 pF to 60 pF
30 pF (typical)
20 pF to 60 pF
30 pF (typical)
20 pF to 60 pF
30 pF (typical)
Dimensions in mm (inches)
Length
Diameter
63 (2.47)
20 (038)
48 (1.89)
10 (0.39)
43 (1.89)
10 (0.39)
64 (2.50)
19 (0.75)
64 (2.50)
14 (0.56)
Weight in grams (oz)
Net
Shipping
114 (4)
454 (16)
14 (0.5)
454 (16)
14 (0.5)
454 (16)
114 (4)
454 (16)
57 (2)
454 (16)
Options
xxxx-001
Matched response
Provides a pair of detectors
with matched frequency
response
Tracking:
0.01 to 12.4 GHz: ±0.2 dB
Tracking:
0.01 to 12.4 GHz: ±0.2 dB
12.4 to 18 GHz: ±0.3 dB
Tracking:
0.01 to 12.4 GHz: ±0.2 dB
12.4 to 18 GHz: ±0.3 dB
18 to 26.5 GHz: ±0.5 dB
Tracking:
0.01 to 12.4 GHz: ±0.2 dB
12.4to 18 GHz: ±0.3 dB
Tracking:
0.01 to 12.4 GHz: ±0.2 dB
12.4to 18 GHz: ±0.3 dB
xxxx-002
Optimum square-law load
Optimum square -law load
Optimum square -law load
Optimum square -law load
Optimum square -law load
Optimum square -law load
xxxx-003
Positive polarity out
Positive polarity Output
Positive polarity Output
Positive polarity Output
Positive polarity Output
Positive polarity Output
Specifications given for +25 °C unless otherwise noted. Specifications describe the instrument’s warranted performance. Supplemental characteristics (in italics) are
intended to provide information useful in applying the instrument by giving typical, but not warranted, performance parameters.
RF may leak through video connector especially below 1 GHz; if objectionable, this may be eliminated with low-pass filter.
SWR measured at 2 dBm.
Sensitivity decreases with increasing temperature typically 0.5 dB from 20 °C to +25 °C, 0.5 dB from +25 °C to +40v C. 1 dB from +40 °C to +55 °C, 1.25 dB from
+55 °C to +75 °C, 1 dB from +75 °C to +85 °C.
1.
2.
3.
4.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com