Electronic Components Datasheet Search
  English  ▼

X  

STA6940M Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # STA6940M
Description  Brushed DC Motor Driver IC With PWM Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STA6940M Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button STA6940M Datasheet HTML 9Page - Allegro MicroSystems STA6940M Datasheet HTML 10Page - Allegro MicroSystems STA6940M Datasheet HTML 11Page - Allegro MicroSystems STA6940M Datasheet HTML 12Page - Allegro MicroSystems STA6940M Datasheet HTML 13Page - Allegro MicroSystems STA6940M Datasheet HTML 14Page - Allegro MicroSystems STA6940M Datasheet HTML 15Page - Allegro MicroSystems STA6940M Datasheet HTML 16Page - Allegro MicroSystems STA6940M Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Brushed DC Motor Driver IC With PWM Control
STA6940M
13
Thermal Considerations
To accurately calculate the losses incurred by the STA6940M,
detailed knowledge of the motor characteristics, input waveforms,
and dynamic properties of the circuit must all be considered. The
formulas below are simplified approximations using worst-case
conditions:
For constant voltage drive (DC current):
PD
IO
2
× RDS(on) × 2 ,
=
(5)
and, for constant-current drive (PWM):
tON
tON + tOFF
tOFF
tON + tOFF
PD
,
=
+
×
IO
2
× RDS(on) × 2
( IO
2
× RDS(on) + VF × IO ) ×
(6)
where:
PD is the device power dissipation,
IO is the motor current (
≈ IO),
RDS(on) is the internal MOSFET on-resistance,
RS is the external sensing resistor,
VF is the internal MOSFET body diode forward voltage,
tON is the PWM on-time, and
tOFF is the PWM off-time.
Using the above calculated power dissipation, it is possible to
estimate the junction temperature using the curves in figure 15. In
the worst conditions (with high ambient temperatures), as long as
the junction temperature does not exceed 150ºC the device will
not be damaged. However, the actual temperature of the device
should be measured along with the junction temperature calcula-
tion.
If a heatsink is being used, the ΔTJA (junction to ambient) as
calculated previously will be different because the thermal resis-
tance, RθJA, is different. The new value can be calculated using
the heatsink heat resistance RθFIN:
R JA R JC + R FIN = (R JA – R CA) + R FIN .
(7)
ΔTJA = 46 × PD
0
20
40
60
80
100
120
140
0
0.5
1.0
1.5
2.0
PD (W)
PD (W)
PD (W)
2.5
3.0
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
ΔTJA = 35 × PD
ΔTJA = 42 × PD
ΔTJA = 35 × PD
ΔTJA = 39 × PD
ΔTJA = 35 × PD
2 Channels, Steady DC Operation
3 Channels, PWM Operation (Slow Decay)
4 Channels, PWM Operation (Fast Decay)
Figure 15. Change in junction temperature versus device power dissipation
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com