Electronic Components Datasheet Search
  English  ▼

X  

STA6940M Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STA6940M
Description  Brushed DC Motor Driver IC With PWM Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STA6940M Datasheet(HTML) 2 Page - Allegro MicroSystems

  STA6940M Datasheet HTML 1Page - Allegro MicroSystems STA6940M Datasheet HTML 2Page - Allegro MicroSystems STA6940M Datasheet HTML 3Page - Allegro MicroSystems STA6940M Datasheet HTML 4Page - Allegro MicroSystems STA6940M Datasheet HTML 5Page - Allegro MicroSystems STA6940M Datasheet HTML 6Page - Allegro MicroSystems STA6940M Datasheet HTML 7Page - Allegro MicroSystems STA6940M Datasheet HTML 8Page - Allegro MicroSystems STA6940M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Brushed DC Motor Driver IC With PWM Control
STA6940M
2
Selection Guide
Part Number
Package
Packing
STA6940M
18-pin ZIP through hole mount
18 pieces per tube
*Contact Allegro for additional packing options
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Main Supply Voltage
VBB
44
V
Logic Supply Voltage
VDD
6V
Output Current
IO(max)
≤ 100 μs8
A
Output Voltage
VO
–1.5 to VBB + 1.5
V
Logic Input Voltage
VIN
–0.3 to VDD + 0.3
V
PWM_REF Input Voltage
VPREF
–0.3 to VDD + 0.3
V
OCP_REF Input Voltage
VOREF
–0.3 to VDD + 0.3
V
Sensing Voltage
VRS
Except tw < 1 μs
–1 to 2
V
Power Dissipation
PD
DC drive
2.7
W
PWM drive (Slow Decay)
3.0
W
PWM drive (Fast Decay)
3.2
W
Junction Temperature
TJ
150
ºC
Operating Ambient Temperature
TA
–20 to 85
ºC
Storage Temperature
Tstg
–30 to 150
ºC
All performance characteristics given are typical values
for circuit or system baseline design only and are at the
nominal operating voltage and an ambient temperature,
TA, of 25°C, unless otherwise stated.
Recommended Operating Conditions
Characteristic
Symbol
Conditions
Min.
Typ.
Max.
Unit
Main Supply Voltage
VBB
10
–
40
V
Output Current
IO
––4
A
Logic Supply Voltage
VDD
Transient voltages at VDD pin must not
exceed ±0.5 V
3.0
–
5.5
V
PWM Reference Input Voltage
VPREF
Constant-current control
–
–
1
V
OCP Reference Input Voltage
VOREF
OCP operating
–
–
2
V
Case Temperature
TC
Package surface temperature without
heatsink
–
–
85
°C
Ambient Temperature, TA (°C)
DC operation
PWM (Slow Decay)
PWM (Fast Decay)
R JA = 42°C / W
3.2 W
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1020304050607080
3.0 W
2.7 W
R JA = 46°C / W
R JA = 39°C / W
Power Derating Curve
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com