Electronic Components Datasheet Search
  English  ▼

X  

AS8F2M32 Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS8F2M32
Description  2M x 32 FLASH FLASH MEMORY MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8F2M32 Datasheet(HTML) 1 Page - Austin Semiconductor

  AS8F2M32 Datasheet HTML 1Page - Austin Semiconductor AS8F2M32 Datasheet HTML 2Page - Austin Semiconductor AS8F2M32 Datasheet HTML 3Page - Austin Semiconductor AS8F2M32 Datasheet HTML 4Page - Austin Semiconductor AS8F2M32 Datasheet HTML 5Page - Austin Semiconductor AS8F2M32 Datasheet HTML 6Page - Austin Semiconductor AS8F2M32 Datasheet HTML 7Page - Austin Semiconductor AS8F2M32 Datasheet HTML 8Page - Austin Semiconductor AS8F2M32 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AUSTIN SEMICONDUCTOR, INC.
FLASH
FLASH
FLASH
FLASH
FLASH
AS8F2M32
AS8F2M32
Rev. 2.5 05/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
FIGURE 1: PIN ASSIGNMENT
(Top View)
68 Lead CQFP
2M x 32 FLASH
FLASH MEMORY MODULE
AVAILABLE AS MILITARY
SPECIFICATIONS
• Military Processing (MIL-STD-883C para 1.2.2)
• Temperature Range -55C to 125C
FEATURES
• Fast access times of 90ns, 120ns, and 150ns
• 5.0V ±10%, single power supply operation
• Low power consumption(TYP): 4µA CMOS stand-by
* TYP ICC(active) <120mA for READ/WRITE
• 20 year DATA RETENTION
• Minimum 1,000,000 Program/Erase Cycles per sector
guaranteed
• 32 equal sectors of 64 Kbytes each
• Any combination of Sectors can be Erased
• Group Sector Protection
• Supports FULL Chip Erase
• Compatible with JEDEC standards
• Embedded Erase and Program Algorithms
• Data\ Polling and Toggle bits for detection of program or erase
cycle completion.
• Erase Suspend/Resume
• Hardware Reset pin (RESET\)
• Built in Decoupling Caps and Multiple Ground Pins for Low Noise
Operation
• Separate Power and Ground Planes to improve noise immunity
OPTION
MARKING
• Timing
90ns
-90
120ns
-120
150ns
-150
• Packages
Ceramic Quad Flat Pack (0.88" sq)
Q
- MAX height .140"
- Stand-off Height .035" min
GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS8F2M32 is a 64 Mbit, 5.0 volt-
only Flash memory. This device is designed to be programmed in-
system with the standard system 5.0 volt VCC supply. The AS8F2M32
offers an access time of 90ns, allowing high-speed microprocessors to
operate without wait states. To eliminate bus contention, the device has
separate chip enable (CE\), write enable (WE\) and output enable (OE\)
controls.
The device requires only a single 5.0 volt power supply for both
read and write functions. internally generated and regulated voltages
are provided for the program and erase operations.
The device is entirely command set compatible with the JEDEC
single-power-supply FLASH standard. Commands are written to the
command register using standard microprocessor write timings.
Register contents serve as input to an internal state-matching that
controls the erase and programming circuitry. Write cycles also
internally latch addresses and data needed for the programming and
erase operations. Reaching data out of the device is similar to reading
from other FLASH or EPROM devices.
Device programming occurs by executing the program command
sequence. This initiates the Embedded Program algorithm - an internal
algorithm that automatically time the program pulse widths and verifies
proper cell margin.
Device erasure occurs by executing the erase command sequence.
This initiates the Embedded Erase algorithm - an internal algorithm that
automatically preprograms the array (if it is not already programmed)
before executing the erase operation. During erase, the device
automatically times the erase pulse widths and verifies proper cell
margin.
The host system can detect whether a program or erase operation is
complete by observing the RY/BY\ pin, or by reading the DQ7 (DATA\
Polling) and DQ6 (toggle) status bits. After a program or erase cycle
has been completed, the device is ready to read array data or accept
another command.
(continued on page 2)
For more products and information
please visit our web site at
www.austinsemiconductor.com


Similar Part No. - AS8F2M32

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS8F2M32 MICROSS-AS8F2M32 Datasheet
530Kb / 12P
Any combination of Sectors can be Erased
More results

Similar Description - AS8F2M32

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV320 HYNIX-HY29LV320 Datasheet
323Kb / 44P
32 Mbit (2M x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
32-megabit (2M x 16) 3-volt Only Flash Memory
logo
Austin Semiconductor
AS8F128K32 AUSTIN-AS8F128K32 Datasheet
389Kb / 22P
128K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_03 Datasheet
242Kb / 12P
512K x 32 FLASH FLASH MEMORY ARRAY
logo
MOSAIC
PUMA68F64006X-90 MOSAIC-PUMA68F64006X-90 Datasheet
51Kb / 4P
2M x 32 FLASH Module
PUMA68FV64006X-90 MOSAIC-PUMA68FV64006X-90 Datasheet
51Kb / 4P
2M x 32 FLASH Module
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
32-megabit (2M x 16) 1.8-volt Only Flash Memory
logo
Austin Semiconductor
AS8F1M32 AUSTIN-AS8F1M32 Datasheet
280Kb / 10P
1M x 32 FLASH FLASH MEMORY MODULE
AS8F128K32 AUSTIN-AS8F128K32_07 Datasheet
1Mb / 22P
128K x 32 FLASH FLASH MEMORY ARRAY
AS8F512K32 AUSTIN-AS8F512K32_07 Datasheet
296Kb / 23P
512K x 32 FLASH FLASH MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com