Electronic Components Datasheet Search
  English  ▼

X  

AS28C010 Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS28C010
Description  128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS28C010 Datasheet(HTML) 5 Page - Austin Semiconductor

  AS28C010 Datasheet HTML 1Page - Austin Semiconductor AS28C010 Datasheet HTML 2Page - Austin Semiconductor AS28C010 Datasheet HTML 3Page - Austin Semiconductor AS28C010 Datasheet HTML 4Page - Austin Semiconductor AS28C010 Datasheet HTML 5Page - Austin Semiconductor AS28C010 Datasheet HTML 6Page - Austin Semiconductor AS28C010 Datasheet HTML 7Page - Austin Semiconductor AS28C010 Datasheet HTML 8Page - Austin Semiconductor AS28C010 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS28C010
AS28C010
Rev. 1.5 5/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
MODE SELECTION
MODE
CE\
OE\
WE\
I/O
READ
VIL
VIL
VIH
DOUT
STANDBY
VIH
X
X
High-Z
WRITE
VIL
VIH
VIL
DIN
DESELECT
VIL
VIH
VIH
High-Z
XX
VIH
---
X
VIL
X
---
DATA
POLLING
VIL
VIL
VIH
Data Out
(I/O7)
WRITE
INHIBIT
Parameter
Min.
Max.
Units
Endurance
10,000
Cycles Per Byte
Endurance
100,000
Cycles Per Page
Data Retention
100
Years
ENDURANCE AND DATA RETENTION
Symbol
Parameter
Max.
Units
tPUR
(2)
Power-up to Read Operation
100
s
tPUW
(2)
Power-up to Write Operation
5
ms
POWER-UP TIMING
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
10ns
Input and Output Timing Levels
1.5V
A.C. CONDITIONS OF TEST
CAPACITANCE T
A=+25
oC, f= 1MHZ, V
CC=5V
PARAMETER
SYMBOL
MAX
UNITS
Test Conditions
Input Capacitance
CIN
(2)
10
pF
VIN=0V
Input / Output Capactiance
CI/O
(2)
10
pF
VI/O=0V
EQUIVALENT A.C. LOAD CURRENT
SYMBOL TABLE
Notes: (2) This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com