Electronic Components Datasheet Search
  English  ▼

X  

AS28C010 Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS28C010
Description  128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS28C010 Datasheet(HTML) 1 Page - Austin Semiconductor

  AS28C010 Datasheet HTML 1Page - Austin Semiconductor AS28C010 Datasheet HTML 2Page - Austin Semiconductor AS28C010 Datasheet HTML 3Page - Austin Semiconductor AS28C010 Datasheet HTML 4Page - Austin Semiconductor AS28C010 Datasheet HTML 5Page - Austin Semiconductor AS28C010 Datasheet HTML 6Page - Austin Semiconductor AS28C010 Datasheet HTML 7Page - Austin Semiconductor AS28C010 Datasheet HTML 8Page - Austin Semiconductor AS28C010 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS28C010
AS28C010
Rev. 1.5 5/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
For more products and information
please visit our web site at
www.austinsemiconductor.com
128K x 8 EEPROM
EEPROM Memory
5 Volt, Byte Alterable
AVAILABLE AS MILITARY
SPECIFICATIONS
SMD 5962-38267
MIL-PRF-38535
FEATURES
Access speed: 120, 150, 200, and 250ns
Data Retention: 100 Years
Low power, active current: 50mA, standby current: 500uA
Single +5V (+10%) power supply
Data Polling and Toggle
Erase/Write Endurance (10,000 byte mode / 100,000 page
mode)
Software Data protection Algorithm
Automatic , Self-Timed Byte Write
Automatic Programming:
Automatic Page Write: 10ms (MAX)
OPTIONS
MARKINGS
Timing
120ns access
-12
150ns access
-15
200ns access
-20
250ns access
-25
Packages
Ceramic Flat Pack
F
CerDIP, 600 mil
CW
Operating Temperature Ranges
-Military (-55oC to +125oC)
XT
-Industrial (-40oC to +85oC)
IT
-Full Military Class M Processing
883C
*NOTE: Package lid is connected to ground (Vss).
GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS28C010 is a 1 Megabit CMOS
Electrically Erasable Programmable Read Only Memory (EEPROM)
organized as 131, 072 x 8 bits. The AS28C010 is capable of in system
electrical Byte and Page reprogrammability.
The AS28C010 achieves high speed access, low power
consumption, and a high level of reliability by employing advanced
CMOS process and circuitry technology.
This device has a 256-Byte Page Programming function to make its
erase and write operations faster. The AS28C010 features Data
Polling and a toggle signal to indicate completion of erase and program-
ming operations.
This EEPROM provides several levels of data protection., in
addition to noise protection on the WE signal and write inhibit during
power on and off. Software data protection is implemented using
JEDEC
Optional
Standard
algorithm.
The AS28C010 is designed for high reliability in the most
demanding applications. Data retention is specified for 100 years and
erase/write endurance is guaranteed to a minimum of 100,000 cycles in
the Page Mode and 10,000 cycles in the Byte Mode.
PIN ASSIGNMENT
(Top View)
32-Pin CFP (F), 32-Pin CerDIP (CW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O 0
I/O 1
I/O 2
Vss
Vcc
WE\
NC
A14
A13
A8
A9
A11
OE\
A10
CE\
I/O 7
I/O 6
I/O 5
I/O 4
I/O 3


Similar Part No. - AS28C010

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS28C010 MICROSS-AS28C010 Datasheet
307Kb / 15P
Hardware Data Protection
More results

Similar Description - AS28C010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
5 Volt, Byte Alterable EEPROM
May 11, 2005
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
5 Volt, Byte Alterable EEPROM
June 1, 2005
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
5 Volt, Byte Alterable EEPROM
May 17, 2006
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
5 Volt, Byte Alterable EEPROM
June 7, 2006
logo
Austin Semiconductor
AS58C1001 AUSTIN-AS58C1001_02 Datasheet
294Kb / 22P
128K x 8 EEPROM EEPROM Memory
AS58C1001 AUSTIN-AS58C1001_08 Datasheet
351Kb / 21P
128K x 8 EEPROM EEPROM Memory
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
5 Volt, Byte Alterable EEPROM
August 28, 2009
logo
Renesas Technology Corp
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
June 27, 2016
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com