Electronic Components Datasheet Search
  English  ▼

X  

2690 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2690
Description  Coaxial Limiters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2690 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2690 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2690 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Coaxial Limiters
Rev. V4
2690 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Broadband Frequency Ranges
• Environmentally Sealed
• Feedback Leveling
• Small Size
• Reduced VSWR
Description
M/A-COM’s standard limiter series 2690 is a line of
completely passive solid state receiver protectors.
They exhibit octave and multi-octave performance
using a unique construction technique involving PIN
diodes in broadband microstrip circuits. Careful
diode
selection
allows
a
variety
of
device
performance, trading off peak and average power
handling, spike leakage and recovery time. Typical
insertion loss and VSWR curves are shown below.
Outline 1
Electrical Specifications: TA = 25°C
Outline 2
Part
Number
Frequency
Range
(GHz)
Insertion
Loss (dB)
VSWR
Average
Power (W)
Peak Power
(W)
Recovery
Time (nS)
Leakage
Power
(mW)
Outline
Drawing
2690-1001
1.0 - 2.0
0.7
1.5:1
1.0
100
100
75
1
2690-1003
0.9
1.5:1
3.0
1000
1000
100
2
2690-1005
2.0 - 8.0
1.1
1.6:1
1.0
100
100
50
1
2690-1007
1.3
1.6:1
3.0
1000
1000
100
2
2690-1009
8.0 - 18.0
1.8
2.0:1
1.0
100
100
50
1
2690-1011
2.3
2.0:1
3.0
1000
1000
100
2
2690-1013
2.0
2.0:1
1.0
100
100
50
1
2690-1014
2.2
2.0:1
2.0
500
250
75
1
2690-1015
2.3
2.0:1
3.0
1000
1000
100
2
2.0 - 18.0
1. Insertion Loss and VSWR measured at 0 dBm input power.
2. Peak input power rated at 1 microsecond pulse width, 1% duty into 1.5:1 source VSWR and 1.15 load VSWR.
3. Spike leakage energy: 0.5 ergs max.
4. 1 dB compression: +7 dBm min.
INPUT
SMA PLUG
.90
(22.9 mm)
SMA JACK
.19
(4.83 mm)
.38
(9.65 mm)
.38
(9.65 mm)
.19
(4.83 mm)
INPUT
SMA PLUG
1.25
(31.75 mm)
SMA JACK
.38
(9.65 mm)
.38
(9.65 mm)
.19
(4.83 mm)
.19
(4.83 mm)


Similar Part No. - 2690

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
Coaxial Limiters
logo
Abbatron All Rights Res...
2690 ABBATRON-2690 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
2690 ADAFRUIT-2690 Datasheet
80Kb / 2P
USB Voltage Meter with OLED Display
logo
Kemet Corporation
2690 KEMET-2690 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
Tyco Electronics
2690-1001 MACOM-2690-1001 Datasheet
138Kb / 2P
Coaxial Limiters
More results

Similar Description - 2690

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
Cable Limiters
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
Inrush current limiters
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
Coaxial Limiters
logo
Microsemi Corporation
GG77010 MICROSEMI-GG77010 Datasheet
705Kb / 4P
RF BOADBAND LIMITERS
logo
EPCOS
B59412C1130B070 EPCOS-B59412C1130B070 Datasheet
284Kb / 11P
PTC thermistors as inrush current limiters
logo
Skyworks Solutions Inc.
CLA4610-085LF SKYWORKS-CLA4610-085LF Datasheet
594Kb / 8P
Low-loss, high-power limiters
CLA4611-085LF SKYWORKS-CLA4611-085LF Datasheet
688Kb / 8P
Low-loss, high-power limiters
logo
Cooper Bussmann, Inc.
UHJ-M COOPER-UHJ-M Datasheet
716Kb / 6P
250V and 600V cable limiters
logo
Ohmite Mfg. Co.
RES-SLIMMOX OHMITE-RES-SLIMMOX Datasheet
439Kb / 5P
Current pulse limiters
logo
Littelfuse
LFCL0500ZC6 LITTELFUSE-LFCL0500ZC6 Datasheet
650Kb / 3P
LFCL CABLE LIMITERS
Rev: 101017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com