Electronic Components Datasheet Search
  English  ▼

X  

2690 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 2690
Description  Coaxial Limiters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2690 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  2690 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2690 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Coaxial Limiters
Rev. V4
2690 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
0
5
10
15
20
25
0
102030
4050
60
P o we r In ( dB m )
Typical Performance Curves
Environmental
Test
MIL-STD
Method
Cond
Non-Destructive Bond
Pull
883
2023
—
Internal Visual
883
2017
—
Stabilization Bake
883
1008
B
Thermal Cycle
883
1010
B
Constant Acceleration
883
2001
A (Y1 Axis)
Burn-In
883
1015
125°C
Seal
Fine
Gross
883
883
1014
1014
A1
C1
External Visual
883
2009
—
Absolute Maximum Ratings
5
5. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Devices are designed to meet the above screening conditions.
VSWR
Insertion Loss
Leakage Power at 100 mW
-4.0
-3.0
-2.0
-1.0
0.0
2
4
6
101214
1618
F re que nc y ( G H z)
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
2468
10
12
14
16
18
F re que nc y ( G H z)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com