Electronic Components Datasheet Search
  English  ▼

X  

AT-110 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AT-110
Description  Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-110 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AT-110 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-110 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-110 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Voltage Variable Absorptive Attenuator
30 dB, 0.5 - 2.0 GHz
Rev. V5
AT-110
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications 7: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
—
—
2.8
3.3
3.0
3.6
Attenuation
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
30
25
—
—
—
—
Flatness
(Peak to Peak)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
—
—
± 0.5
± 1.2
± 0.8
± 1.5
VSWR
—
Ratio
—
2:1
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µS
—
0.2
—
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
µS
—
0.2
—
Transients
In-band
mV
—
70
—
7. The RF ports must be blocked outside of the package from ground or any other voltage.
SOIC-8†
†
Meets JEDEC moisture sensitivity level 1 requirements.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should be used when handling these devices.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com