Electronic Components Datasheet Search
  English  ▼

X  

AT-110 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # AT-110
Description  Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-110 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AT-110 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-110 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-110 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Voltage Variable Absorptive Attenuator
30 dB, 0.5 - 2.0 GHz
Rev. V5
AT-110
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves @ 25°C
Attenuation vs. Control Voltage
F = 900, 1800 MHz
Return Loss vs. Control Voltage, F = 900 MHz
IP3 vs. Control Voltage
1 dB Compression vs. Control Voltage, F = 900 MHz
Attenuation vs. Temperature
Normalized to +25°C , F = 900 MHz
Insertion Loss vs. Frequency
0
1
2
3
4
0.5
1.0
1.5
2.0
Frequency (GHz)
-40
-30
-20
-10
0
0
1
2
3
4
5
1800
900
Control Voltage (V)
-3
-2
-1
0
1
2
3
0
1
2
3
4
5
-40°C
+85°C
Control Voltage (V)
0
10
20
30
40
0
1
2
3
4
5
Control Voltage (V)
0
10
20
30
40
0
1
2
3
4
5
400 MHz
900 MHz
Control Voltage (V)
-40
-30
-20
-10
0
0
1
2
3
4
5
Control Voltage (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com