Electronic Components Datasheet Search
  English  ▼

X  

AD5412 Datasheet(PDF) 39 Page - Analog Devices

Part # AD5412
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5412 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD5412 Datasheet HTML 32Page - Analog Devices AD5412 Datasheet HTML 33Page - Analog Devices AD5412 Datasheet HTML 34Page - Analog Devices AD5412 Datasheet HTML 35Page - Analog Devices AD5412 Datasheet HTML 36Page - Analog Devices AD5412 Datasheet HTML 37Page - Analog Devices AD5412 Datasheet HTML 38Page - Analog Devices AD5412 Datasheet HTML 39Page - Analog Devices AD5412 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
AD5412/AD5422
Rev. A | Page 39 of 40
ORDERING GUIDE
Model
Resolution
IOUT TUE
VOUT TUE
Temperature Range
Package Description
Package Option
AD5412AREZ1
12 Bits
0.5% FSR max
0.3% FSR max
−40°C to +85°C
24 Lead TSSOP_EP
RE-24
AD5412AREZ-REEL71
12 Bits
0.5% FSR max
0.3% FSR max
−40°C to +85°C
24 Lead TSSOP_EP
RE-24
AD5412ACPZ-REEL1
12 Bits
0.5% FSR max
0.3% FSR max
−40°C to+85°C
40 Lead LFCSP_VQ
CP-40-1
AD5412ACPZ-REEL71
12 Bits
0.5% FSR max
0.3% FSR max
−40°C to+85°C
40 Lead LFCSP_VQ
CP-40-1
AD5422AREZ1
16 Bits
0.5% FSR max
0.3% FSR max
−40°C to+85°C
24 Lead TSSOP_EP
RE-24
AD5422AREZ-REEL1
16 Bits
0.5% FSR max
0.3% FSR max
−40°C to+85°C
24 Lead TSSOP_EP
RE-24
AD5422BREZ1
16 Bits
0.3% FSR max
0.1% FSR max
−40°C to+85°C
24 Lead TSSOP_EP
RE-24
AD5422BREZ-REEL1
16 Bits
0.3% FSR max
0.1% FSR max
−40°C to+85°C
24 Lead TSSOP_EP
RE-24
AD5422ACPZ-REEL1
16 Bits
0.5% FSR max
0.3% FSR max
−40°C to+85°C
40 Lead LFCSP_VQ
CP-40-1
AD5422ACPZ-REEL71
16 Bits
0.5% FSR max
0.3% FSR max
−40°C to+85°C
40 Lead LFCSP_VQ
CP-40-1
AD5422BCPZ-REEL1
16 Bits
0.3% FSR max
0.1% FSR max
−40°C to+85°C
40 Lead LFCSP_VQ
CP-40-1
AD5422BCPZ-REEL71
16 Bits
0.3% FSR max
0.1% FSR max
−40°C to+85°C
40 Lead LFCSP_VQ
CP-40-1
EVAL-AD5422EBZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com