Electronic Components Datasheet Search
  English  ▼

X  

AD5412 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5412
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5412 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5412 Datasheet HTML 9Page - Analog Devices AD5412 Datasheet HTML 10Page - Analog Devices AD5412 Datasheet HTML 11Page - Analog Devices AD5412 Datasheet HTML 12Page - Analog Devices AD5412 Datasheet HTML 13Page - Analog Devices AD5412 Datasheet HTML 14Page - Analog Devices AD5412 Datasheet HTML 15Page - Analog Devices AD5412 Datasheet HTML 16Page - Analog Devices AD5412 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AD5412/AD5422
Rev. A | Page 13 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
GENERAL
0
100
200
300
400
500
600
700
800
900
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LOGIC VOLTAGE (V)
DVCC = 5V
TA = 25°C
DVCC = 3V
0
1
2
3
4
5
6
7
8
9
–21 –19
–17 –15
–13 –11
–9
–7
–5
–3
–1
1
TA = 25°C
LOAD CURRENT (mA)
Figure 7. DICC vs. Logic Input Voltage
–2
–1
0
1
2
3
4
5
AIDD
AISS
10
12
14
16
18
20
22
24
26
28
AVDD/|AVSS| (V)
TA = 25°C
VOUT = 0V
OUTPUT UNLOADED
Figure 8. AIDD/AISS vs. AVDD/|AVSS|
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
15
20
25
30
35
40
AVDD (V)
TA = 25°C
IOUT = 0mA
Figure 9. AIDD vs. AVDD
Figure 10. DVCC Output Voltage vs. Load Current
CH1 2.00V
CH3 5.00V
M200µs
CH3
2.1V
1
AVDD
3
REFERENCE OUTPUT
Figure 11. REFOUT Turn-on Transient
CH1 2µV
M2.00s
LINE
1.8V
1
Figure 12. REFOUT Output Noise (0.1 Hz to 10 Hz Bandwidth)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com