Electronic Components Datasheet Search
  English  ▼

X  

AD7780 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7780
Description  24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7780 Datasheet(HTML) 5 Page - Analog Devices

  AD7780 Datasheet HTML 1Page - Analog Devices AD7780 Datasheet HTML 2Page - Analog Devices AD7780 Datasheet HTML 3Page - Analog Devices AD7780 Datasheet HTML 4Page - Analog Devices AD7780 Datasheet HTML 5Page - Analog Devices AD7780 Datasheet HTML 6Page - Analog Devices AD7780 Datasheet HTML 7Page - Analog Devices AD7780 Datasheet HTML 8Page - Analog Devices AD7780 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7780
Rev. A | Page 5 of 16
TIMING CHARACTERISTICS
AVDD = 2.7 V to 5.25 V, DVDD = 2.7 V to 5.25 V, GND = 0 V, Input Logic 0 = 0 V, Input Logic 1 = DVDD, unless otherwise noted.
Table 3.
Parameter1
Limit at TMIN, TMAX
Unit
Test Conditions/Comments
Read2
t1
100
ns min
SCLK high pulse width
t2
100
ns min
SCLK low pulse width
t33
0
ns min
SCLK active edge to data valid delay4
60
ns max
DVDD = 4.75 V to 5.25 V
80
ns max
DVDD = 2.7 V to 3.6 V
t4
10
ns min
SCLK inactive edge to DOUT/RDY high
130
ns max
Reset
t5
100
ns min
PDRST low pulse width
t65
FILTER/GAIN change to data valid delay
120
ms typ
Update rate = 16.7 Hz
300
ms typ
Update rate = 10 Hz
1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of DVDD) and timed from a voltage level of 1.6 V.
2 See Figure 3.
3 The values of t3 are measured using the load circuit of Figure 2 and are defined as the time required for the output to cross the VOL or VOH limits.
4 SCLK active edge is falling edge of SCLK.
5 The PDRST high to data valid delay is typically 1 ms longer than t6 because the internal oscillator requires time to power up and settle.
Circuit and Timing Diagrams
ISINK (1.6mA WITH DVDD = 5V,
100µA WITH DVDD = 3V)
ISOURCE (200µA WITH DVDD = 5V,
100µA WITH DVDD = 3V)
1.6V
TO
OUTPUT
PIN
50pF
Figure 2. Load Circuit for Timing Characterization
DOUT/RDY
(OUTPUT)
MSB
LSB
SCLK
(INPUT)
t3
t1
t4
t2
Figure 3. Read Cycle Timing Diagram
PDRST
(INPUT)
t5
DOUT/RDY
(OUTPUT)
Figure 4. Resetting the AD7780
GAIN OR FILTER
(INPUT)
t6
DOUT/RDY
(OUTPUT)
Figure 5. Changing Gain or Filter Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com