Electronic Components Datasheet Search
  English  ▼

X  

AD7780 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7780
Description  24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7780 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7780 Datasheet HTML 8Page - Analog Devices AD7780 Datasheet HTML 9Page - Analog Devices AD7780 Datasheet HTML 10Page - Analog Devices AD7780 Datasheet HTML 11Page - Analog Devices AD7780 Datasheet HTML 12Page - Analog Devices AD7780 Datasheet HTML 13Page - Analog Devices AD7780 Datasheet HTML 14Page - Analog Devices AD7780 Datasheet HTML 15Page - Analog Devices AD7780 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD7780
Rev. A | Page 15 of 16
GROUNDING AND LAYOUT
Because the analog input and reference input of the ADC are
differential, most of the voltages in the analog modulator are
common-mode voltages. The excellent common-mode reject-
tion of the part removes common-mode noise on these inputs.
The digital filter provides rejection of broadband noise on the
power supply, except at integer multiples of the modulator sam-
pling frequency. The digital filter also removes noise from the
analog and reference inputs, provided that these noise sources
do not saturate the analog modulator. As a result, the AD7780
is more immune to noise interference than conventional high
resolution converters. However, because the resolution of the
AD7780 is so high, and the noise levels from the AD7780 are so
low, care must be taken with regard to grounding and layout.
The printed circuit board that houses the AD7780 should be
designed such that the analog and digital sections are separated
and confined to certain areas of the board. A minimum etch
technique is generally best for ground planes because it gives
the best shielding.
It is recommended that the GND pin of the AD7780 be tied
to the AGND plane of the system. In any layout, pay attention
to the flow of currents in the system and ensure that the return
paths for all currents are as close as possible to the paths that the
currents took to reach their destinations. Avoid forcing digital
currents to flow through the AGND sections of the layout.
The ground plane of the AD7780 should be allowed to run under
the AD7780 to prevent noise coupling. The power supply lines
to the AD7780 should use as wide a trace as possible to provide
low impedance paths and reduce the effects of glitches on the
power supply line. Fast switching signals such as clocks should
be shielded with digital ground to avoid radiating noise to other
sections of the board, and clock signals should never be run near
the analog inputs. Avoid crossover of digital and analog signals.
Traces on opposite sides of the board should run at right angles
to each other. This reduces the effects of feedthrough through
the board. A microstrip technique is by far the best, but it is not
always possible with a double-sided board. In this technique,
the component side of the board is dedicated to ground planes,
and the signals are placed on the solder side.
Good decoupling is important when using high resolution
ADCs. AVDD should be decoupled with 10 μF tantalum capa-
citors in parallel with 0.1 μF capacitors to GND. DVDD should
be decoupled with 10 μF tantalum capacitors in parallel with
0.1 μF capacitors to GND, with the system’s AGND to DGND
connection kept close to the AD7780. To achieve the best results
from these decoupling components, place them as close as possible
to the device, ideally right up against the device. All logic chips
should be decoupled with 0.1 μF ceramic capacitors to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com