Electronic Components Datasheet Search
  English  ▼

X  

AD8155 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8155
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155 Datasheet(HTML) 1 Page - Analog Devices

  AD8155 Datasheet HTML 1Page - Analog Devices AD8155 Datasheet HTML 2Page - Analog Devices AD8155 Datasheet HTML 3Page - Analog Devices AD8155 Datasheet HTML 4Page - Analog Devices AD8155 Datasheet HTML 5Page - Analog Devices AD8155 Datasheet HTML 6Page - Analog Devices AD8155 Datasheet HTML 7Page - Analog Devices AD8155 Datasheet HTML 8Page - Analog Devices AD8155 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
6.5 Gbps
Dual Buffer Mux/Demux
AD8155
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 2:1 mux/1:2 demux
Optimized for dc to 6.5 Gbps NRZ data
Per-lane P/N pair inversion for routing ease
Programmable input equalization
Compensates up to 40 inches of FR4
Loss-of-signal detection
Programmable output preemphasis up to 12 dB
Programmable output levels with squelch and disable
Accepts ac-coupled or dc-coupled differential CML inputs
50 Ω on-chip termination
1:2 demux supports unicast or bicast operation
Port-level loopback
Port or single lane switching
1.8 V to 3.3 V flexible core supply
User-settable I/O supply from VCC to 1.2 V
Low power, typically 2.0 W in basic configuration
64-lead LFCSP
−40°C to +85°C operating temperature range
APPLICATIONS
Low cost redundancy switch
SONET OC48/SDH16 and lower data rates
RXAUI, 4× Fibre Channel, Infiniband, and GbE over
backplane
OIF CEI 6.25 Gbps over backplane
Serial data-level shift
2-/4-/6-lane equalizers or redrivers
FUNCTIONAL BLOCK DIAGRAM
Ix_B[1:0]
Ox_B[1:0]
TRANSMIT
PRE-
EMPHASIS
DUAL
2:1
MULTIPLEXER/
1:2
DEMULTIPLEXER
RECEIVE
EQUALIZATION
CONTROL
LOGIC
TRANSMIT
PRE-
EMPHASIS
RECEIVE
EQUALIZATION
Ox_C[1:0]
Ix_C[1:0]
LB_A
Ox_A[1:0]
Ix_A[1:0]
EQ
2:1
EQ
EQ
1:2
LB_B
LB_C
PE_A
PE_B
PE_C
EQ_A
EQ_B
EQ_C
SEL[1:0]
BICAST
SEL4G
LOS_INT
AD8155
RESET
I2C
CONTROL
LOGIC
SCL
SDA
I2C_A[2:0]
Figure 1.
GENERAL DESCRIPTION
The AD8155 is an asynchronous, protocol-agnostic, dual-lane
2:1 switch with a total of six differential CML inputs and
six differential CML outputs. The signal path supports NRZ
signaling with data rates up to 6.5 Gbps per lane. Each lane
offers programmable receive equalization, programmable
output preemphasis, programmable output levels, and loss-of-
signal detection.
The nonblocking switch core of the AD8155 implements a
2:1 multiplexer and 1:2 demultiplexer per lane and supports
independent lane switching through the two select pins,
SEL[1:0]. Each port is a two-lane link. Every lane implements
an asynchronous path supporting dc to 6.5 Gbps NRZ data,
fully independent of other lanes. The AD8155 has low latency
and very low lane-to-lane skew.
The main application of the AD8155 is to support redundancy
on both the backplane and the line interface sides of a serial
link. The demultiplexing path implements unicast and bicast
capability, allowing the part to support either 1 + 1 or 1:1
redundancy.
The AD8155 is also suited for testing high speed serial links
because of its ability to duplicate incoming data. In a port-
monitoring application, the AD8155 can maintain link
connectivity with a pass-through connection from Port C to
Port A while sending a duplicate copy of the data to test
equipment on Port B.
The rich feature set of the AD8155 can be controlled either
through external toggle pins or by setting on-chip control
registers through the I2C® interface.


Similar Part No. - AD8155

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
937Kb / 35P
6.5 Gbps Dual Buffer Mux/Demux
Rev. A
AD8155-EVALZ AD-AD8155-EVALZ Datasheet
937Kb / 35P
6.5 Gbps Dual Buffer Mux/Demux
Rev. A
AD8155ACPZ AD-AD8155ACPZ Datasheet
937Kb / 35P
6.5 Gbps Dual Buffer Mux/Demux
Rev. A
AD8155ACPZ-R7 AD-AD8155ACPZ-R7 Datasheet
937Kb / 35P
6.5 Gbps Dual Buffer Mux/Demux
Rev. A
AD8155 AD-AD8155_V01 Datasheet
937Kb / 35P
6.5 Gbps Dual Buffer Mux/Demux
Rev. A
More results

Similar Description - AD8155

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
Mux/DeMux NanoSwitch?
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
DeMux/Mux NanoSwitch
logo
Analog Devices
AD8159 AD-AD8159 Datasheet
595Kb / 24P
3.2 Gbps Quad Buffer Mux/Demux
4/06-Rev. 0 to Rev. A
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8158 AD-AD8158 Datasheet
707Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
REV. 0
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
Dual 4:1 Mux/DeMux
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
logo
Pericom Semiconductor C...
PI2DBS6212 PERICOM-PI2DBS6212 Datasheet
885Kb / 7P
6.5 Gbps SAS2, SATA3, XAUI 2 Differential Channel, 2:1 Mux/DeMux Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com