Electronic Components Datasheet Search
  English  ▼

X  

AD8155 Datasheet(PDF) 34 Page - Analog Devices

Part # AD8155
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD8155 Datasheet HTML 28Page - Analog Devices AD8155 Datasheet HTML 29Page - Analog Devices AD8155 Datasheet HTML 30Page - Analog Devices AD8155 Datasheet HTML 31Page - Analog Devices AD8155 Datasheet HTML 32Page - Analog Devices AD8155 Datasheet HTML 33Page - Analog Devices AD8155 Datasheet HTML 34Page - Analog Devices AD8155 Datasheet HTML 35Page - Analog Devices AD8155 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD8155
Rev. 0 | Page 34 of 36
Mnemonic
Addr.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
RXC EQ
Setting
0xC1
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
CEQ[3]
CEQ[2]
CEQ[1]
CEQ[0]
0x00
RXC LOS Ctrl
0xD1
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved; set
to 0
LOS_FILT
Reserved;
set to 0
LOS_ENB
0x05
RXC Lane 1/
RXC Lane 0
Setting
0xC21
C1EQ[3]
C1EQ[2]
C1EQ[1]
C1EQ[0]
C0EQ[3]
C0EQ[2]
C0EQ[1]
C0EQ[0]
0x00
RXC P/N
Swap
0xC41
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved; set
to 0
Reserved;
set to 0
PNC1
PNC0
0x00
RXC LOS
Status
0xC51
Reserved
Reserved
LOSC1
sticky
LOSC0
sticky
Reserved
Reserved
LOSC1
active
LOSC0
active
TXC Disable
0xC8
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved
Reserved
TXDIS C1
TXDIS C0
0x00
TXC Level/PE
Control
0xC9
CLEV[1]
CLEV[0]
CPE[2]
CPE[1]
CPE[0]
0x20
TXC Lane1/
TXC Lane 0
PE Setting
0xCA1
C1PE[2]
C1PE[1]
C1PE[0]
C0PE[2]
C0PE[1]
C0PE[0]
0x00
TXC Per-Lane
Level Setting
0xCC1
Reserved
Reserved
Reserved
Reserved
C1OLEV[1]
C1OLEV[0]
C0OLEV[1]
C0OLEV[0]
0xAA
1 Per-lane registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com